Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144VMB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC144VMB
Description  NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144VMB Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC144VMB_15 Datasheet HTML 1Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 2Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 3Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 4Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 5Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 6Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 7Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 8Page - NXP Semiconductors PDTC144VMB_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PDTC144VMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 12 June 2012
5 of 11
NXP Semiconductors
PDTC144VMB
NPN resistor-equipped transistor; R1 = 47 k
Ω, R2 = 10 kΩ
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig 4.
DC current gain as a function of collector
current; typical values
Fig 5.
Collector-emitter saturation voltage as a
function of collector current; typical values
VCE = 0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
VCE = 5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig 6.
On-state input voltage as a function of collector
current; typical values
Fig 7.
Off-state input voltage as a function of collector
current; typical values
IC (mA)
10−1
102
10
1
006aaa099
102
10
103
hFE
1
(1)
(2)
(3)
IC (mA)
1102
10
006aaa100
10−1
1
VCEsat
(V)
10−2
(1)
(3)
(2)
006aaa101
IC (mA)
10−1
102
10
1
10
VI(on)
(V)
1
(1)
(2)
(3)
006aaa102
IC (mA)
10−1
10
1
10
VI(off)
(V)
1
(1)
(2)
(3)


Similar Part No. - PDTC144VMB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC144VMB NEXPERIA-PDTC144VMB Datasheet
751Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
More results

Similar Description - PDTC144VMB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC144EMB NEXPERIA-PDTC144EMB Datasheet
966Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
PDTC114YMB NEXPERIA-PDTC114YMB Datasheet
838Kb / 12P
   NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 47 k廓
PDTC144VMB NEXPERIA-PDTC144VMB Datasheet
751Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTC144EMB PHILIPS-PDTC144EMB_15 Datasheet
725Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTC144V NXP-PDTC144V Datasheet
147Kb / 11P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTC143ZMB PHILIPS-PDTC143ZMB_15 Datasheet
720Kb / 11P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTC114Y NXP-PDTC114Y Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
PDTC144WMB PHILIPS-PDTC144WMB_15 Datasheet
696Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
Rev. 1-2 July 2012
logo
Nexperia B.V. All right...
PDTA114YMB NEXPERIA-PDTA114YMB Datasheet
842Kb / 12P
   PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 47 k廓
PDTA144VMB NEXPERIA-PDTA144VMB Datasheet
627Kb / 12P
   PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com