Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-DS220B-D6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-DS220B-D6A1E
Description  ION-2-based OPS Digital Signage Player
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-DS220B-D6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-DS220B-D6A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-DS220B-D6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-DS220
Intel Atom D525 Dual-core Process
(Fan-based)
Fanless Option with Intel Atom N455
Single-core CPU
Front
Rear
COM
WI-FI LED
LAN
VGA LINE-OUT
MIC-IN
HDD LED
JAE TX25 Connector
Power Button
USB1
USB2
Ordering Information
Part Number
Description
ARK-DS220F-D6A1E
ARK-DS220, D525+GT218,2 G RAM,500 G HDD
(Fan-based)
ARK-DS220F-N5A1E
ARK-DS220, N455+GT218, 2 G RAM, 4 G SSD
(Fanless)
ARK-DS220B-D6A1E
ARK-DS220, D525+GT218 (barebone kits)
ARK-DS220B-N5A1E
ARK-DS220,N455+GT218 (barebone kits)
Optional Items
Part Number
Description
AMO-I005E
Docking board for ARK-DS220, OPS JAE TX24/DC-In Jack/
HDMI/DP/COM/USB
AMO-WIFI03E
Centrino N100 WiFi miniPCIe for ARKD
Embedded OS
Part Number
Description
2070010688
XPE WES2009 ARK-DS220 V4.0 ENG w/ Acronis PSNL
2070010689
XPE WES2009 ARK-DS220 V4.0 24MUI w/ Acronis
2070012271
WES7P ARK-DS220 V5.1.4 MUI10, SUSIAccess Pro
2070012430
WES7E ARK-DS220 x64 V5.6.4 EN/TC/SC/JP,
SUSIAccess Pro
192
91.50
7
5
5
100
100
200
34.70
26
30
13
13
100
2-R2.25


Similar Part No. - ARK-DS220B-D6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS220 ADVANTECH-ARK-DS220 Datasheet
2Mb / 2P
   OPS ION2-based Digital Signage Platform
More results

Similar Description - ARK-DS220B-D6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS220 ADVANTECH-ARK-DS220 Datasheet
2Mb / 2P
   OPS ION2-based Digital Signage Platform
logo
Axiomtek Co., Ltd.
OPS300-310 AXIOMTEK-OPS300-310 Datasheet
258Kb / 1P
   Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS700-520 AXIOMTEK-OPS700-520 Datasheet
174Kb / 1P
   Open Pluggable Specification-Plus (OPS) Digital Signage Player
OPS500-520-H AXIOMTEK-OPS500-520-H Datasheet
168Kb / 1P
   Open Pluggable Specification (OPS) 4K Digital Signage Player
logo
Advantech Co., Ltd.
USM-110 ADVANTECH-USM-110 Datasheet
1Mb / 3P
   RISC Based 4K Digital Signage Player
29-Apr-2019
logo
Axiomtek Co., Ltd.
OPS883 AXIOMTEK-OPS883_17 Datasheet
295Kb / 1P
   Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS830-D2550-RC-NP AXIOMTEK-OPS830-D2550-RC-NP Datasheet
242Kb / 2P
   Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
logo
DFI Inc
OPS150-CS DFI-OPS150-CS Datasheet
588Kb / 3P
   Digital Signage OPS Computer
logo
Axiomtek Co., Ltd.
OPS883-H AXIOMTEK-OPS883-H_17 Datasheet
342Kb / 1P
   Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
logo
Advantech Co., Ltd.
ARK-DS303 ADVANTECH-ARK-DS303_14 Datasheet
877Kb / 2P
   Value Digital Signage Player
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com