Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS9110Y Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS9110Y
Description  100 V, 1 A PNP low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS9110Y Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS9110Y_15 Datasheet HTML 1Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 2Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 3Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 4Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 5Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 6Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 7Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 8Page - NXP Semiconductors PBSS9110Y_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PBSS9110Y_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 22 November 2009
2 of 13
NXP Semiconductors
PBSS9110Y
100 V, 1 A PNP low VCEsat (BISS) transistor
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 2.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1, 2, 5, 6
collector
3base
4emitter
13
2
4
5
6
4
3
1, 2, 5, 6
sym030
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBSS9110Y
-
plastic surface mounted package; 6 leads
SOT363
Table 4.
Marking
Type number
Marking code
PBSS9110Y
91*[1]


Similar Part No. - PBSS9110Y_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110Y PHILIPS-PBSS9110Y Datasheet
100Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-9 June 2004
PBSS9110Y NXP-PBSS9110Y Datasheet
176Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
logo
Nexperia B.V. All right...
PBSS9110Y NEXPERIA-PBSS9110Y Datasheet
290Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
More results

Similar Description - PBSS9110Y_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110Y NXP-PBSS9110Y Datasheet
176Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110X PHILIPS-PBSS9110X Datasheet
134Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-2 May 2005
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110D PHILIPS-PBSS9110D_15 Datasheet
189Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-22 November 2009
PBSS9110Z PHILIPS-PBSS9110Z_15 Datasheet
206Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS9110Y PHILIPS-PBSS9110Y Datasheet
100Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-9 June 2004
logo
Nexperia B.V. All right...
PBSS9110X NEXPERIA-PBSS9110X Datasheet
321Kb / 16P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
PBSS9110Y NEXPERIA-PBSS9110Y Datasheet
290Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
logo
NXP Semiconductors
PBSS9110X NXP-PBSS9110X Datasheet
208Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com