Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1204A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1204A
Description  25.0A Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1204A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1204A Datasheet HTML 1Page - ON Semiconductor ENA1204A Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DBD250
PSNo. A1204-2/2
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
Number of Cycles, n
IFSM -- n
Forward Voltage, VF -- V
IF -- VF
Ambient Temperature, Ta -- °C
IO -- Ta
0.4
0.6
0.7
0.5
0.8
0.9
1.0
1.1
1.2
1.3
1.4
100
200
250
150
400
300
350
1.0
10
5
7
2
3
2
5
3
IT13662
IT13663
1.0
10
25
37
25
37 100
50Hz
Ta=25°C
020406080
100
120
140
160
0
8
4
16
12
24
28
20
32
IT13664
With heatsink
Resistive,
inductive
load
Capacitive
load
Without heatsink
Resistive,
inductive
load
Capacitive load
With 300✕300✕3mm3 Cu fin


Similar Part No. - ENA1204A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1204 SANYO-ENA1204 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
More results

Similar Description - ENA1204A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250_00 Datasheet
22Kb / 2P
   25.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505 TAITRON-TB2505 Datasheet
212Kb / 5P
   25.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
   25.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505W TAITRON-TB2505W Datasheet
218Kb / 5P
   25.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250 Datasheet
40Kb / 2P
   25.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU25005 SMCDIODE-GBU25005 Datasheet
341Kb / 5P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
logo
Sangdest Microelectroni...
GBPC25005 SMC-GBPC25005 Datasheet
125Kb / 4P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ25005 SMCDIODE-GBJ25005 Datasheet
391Kb / 5P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
logo
Gulf Semiconductor
KBPC25005 GULFSEMI-KBPC25005 Datasheet
662Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 25.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com