Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR7540PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFR7540PBF
Description  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR7540PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFR7540PBF Datasheet HTML 3Page - International Rectifier IRFR7540PBF Datasheet HTML 4Page - International Rectifier IRFR7540PBF Datasheet HTML 5Page - International Rectifier IRFR7540PBF Datasheet HTML 6Page - International Rectifier IRFR7540PBF Datasheet HTML 7Page - International Rectifier IRFR7540PBF Datasheet HTML 8Page - International Rectifier IRFR7540PBF Datasheet HTML 9Page - International Rectifier IRFR7540PBF Datasheet HTML 10Page - International Rectifier IRFR7540PBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 
IRFR/U7540PbF
7
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
December 17, 2014
Fig 21. Typical Stored Charge vs. dif/dt
Fig 19. Typical Recovery Current vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/µs)
20
40
60
80
100
120
140
160
180
IF = 66A
VR = 51V
TJ = 25°C
TJ = 125°C
Fig 18. Typical Recovery Current vs. dif/dt
Fig 20. Typical Stored Charge vs. dif/dt
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 100µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0 100 200 300 400 500 600 700 800 900 1000
diF /dt (A/µs)
0
2
4
6
8
10
12
IF = 44A
VR =51V
TJ = 25°C
TJ = 125°C
Fig 17. Threshold Voltage vs. Temperature
0
200
400
600
800
1000
diF /dt (A/µs)
0
2
4
6
8
10
12
IF = 66A
VR = 51V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
20
40
60
80
100
120
140
160
180
IF = 44A
VR = 51V
TJ = 25°C
TJ = 125°C


Similar Part No. - IRFR7540PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFR7540 ISC-IRFR7540 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFR7540PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com