Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR6215PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR6215PBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR6215PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR6215PBF_15 Datasheet HTML 2Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 3Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 4Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 5Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 6Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 7Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 8Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 9Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFR/U6215PbF
6
www.irf.com
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
200
400
600
800
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
I
TOP
-2.7A
-4.7A
BOTTOM
-6.6A
D
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V


Similar Part No. - IRFR6215PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR6215PBF IRF-IRFR6215PBF Datasheet
246Kb / 11P
   HEXFET짰 Power MOSFET
IRFR6215PBF IRF-IRFR6215PBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Kersemi Electronic Co.,...
IRFR6215PBF KERSEMI-IRFR6215PBF Datasheet
3Mb / 10P
   HEXFET짰 Power MOSFET
logo
International Rectifier
IRFR6215PBF IRF-IRFR6215PBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Infineon Technologies A...
IRFR6215PBF INFINEON-IRFR6215PBF Datasheet
654Kb / 11P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFR6215PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com