Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6243 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT6243
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT6243 Datasheet HTML 2Page - ON Semiconductor CAT6243 Datasheet HTML 3Page - ON Semiconductor CAT6243 Datasheet HTML 4Page - ON Semiconductor CAT6243 Datasheet HTML 5Page - ON Semiconductor CAT6243 Datasheet HTML 6Page - ON Semiconductor CAT6243 Datasheet HTML 7Page - ON Semiconductor CAT6243 Datasheet HTML 8Page - ON Semiconductor CAT6243 Datasheet HTML 9Page - ON Semiconductor CAT6243 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT6243
http://onsemi.com
6
TYPICAL CHARACTERISTICS
(shown for VOUT = 2.5 V, VIN = 3.5 V, IOUT = 1 mA, CIN = 1 mF, COUT = 4.7 mF, CBYP = 0, and TA = 25°C unless otherwise specified.)
Figure 3. Output Voltage vs. Load Current
Figure 4. Output Voltage vs. Input Voltage
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
2.48
2.49
2.50
2.51
2.52
Figure 5. Ground Current vs. Load Current
Figure 6. Ground Current vs. Input Voltage
OUTPUT LOAD CURRENT (mA)
INPUT VOLTAGE (V)
900
700
600
500
300
200
100
0
50
60
70
80
90
150
4.5
3.5
3.0
2.5
1.5
1.0
0.5
0
0
10
20
30
40
50
60
100
Figure 7. Dropout Voltage vs. Load Current
Figure 8. Dropout Characteristics
OUTPUT LOAD CURRENT (mA)
INPUT VOLTAGE (V)
800
700
500
400
300
200
100
0
0
50
100
150
250
350
400
4.5
4.0
3.0
2.5
1.5
0.5
0
0
0.5
1.0
1.5
2.5
3.0
5.5
400
800
1000
1.0
2.0
3.5
5.5
2.0
4.0
5.0 5.5
1000
200
300
OUTPUT LOAD CURRENT (mA)
900
800
600
400
300
200
100
0
2.45
2.46
2.48
2.49
2.51
2.52
2.54
2.55
500
1000
2.47
2.50
2.53
700
100
110
120
130
140
70
80
90
600
900
5.0
2.0
IOUT = 1000 mA
IOUT = 1 mA


Similar Part No. - CAT6243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6243 ONSEMI-CAT6243 Datasheet
406Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
CAT6243 ONSEMI-CAT6243 Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243-ADJMT5T3 ONSEMI-CAT6243-ADJMT5T3 Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243.ADJMT5T3 ONSEMI-CAT6243.ADJMT5T3 Datasheet
406Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
CAT6243DCADJ-RKG ONSEMI-CAT6243DCADJ-RKG Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
More results

Similar Description - CAT6243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6241 ONSEMI-CAT6241 Datasheet
571Kb / 17P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2013 ??Rev. 6
CAT6243 ONSEMI-CAT6243_16 Datasheet
367Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
March, 2016 ??Rev. 10
CAT6243 ONSEMI-CAT6243 Datasheet
406Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
CAT6242 ONSEMI-CAT6242 Datasheet
358Kb / 14P
   1.3 Amp CMOS LDO Voltage Regulator
November, 2012 ??Rev. 4
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
SP317V2-L-TR SIPEX-SP317V2-L-TR Datasheet
304Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com