Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5350X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS5350X
Description  PNP low VCEsat (BISS) transistor 50 V, 3 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS5350X_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5350X_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2004 Nov 04
6
NXP Semiconductors
Product data sheet
50 V, 3 A
PNP low VCEsat (BISS) transistor
PBSS5350X
006aaa244
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
1.00
0.75
0.50
0.20
0.05
0.02
0.01
0
0.33
0.10
Fig.4 Transient thermal impedance as a function of pulse time; typical values.
Mounted on FR4 printed-circuit board; mounting pad for collector 1 cm2.
006aaa245
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
1.00
0.75
0.50
0.20
0.05
0.02
0.01
0
0.33
0.10
Fig.5 Transient thermal impedance as a function of pulse time; typical values.
Mounted on FR4 printed-circuit board; mounting pad for collector 6 cm2.


Similar Part No. - PBSS5350X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
PBSS5350X PHILIPS-PBSS5350X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
logo
Foshan Blue Rocket Elec...
PBSS5350X FOSHAN-PBSS5350X Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Nexperia B.V. All right...
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
   50 V, 3 A PNP low VCEsat transistor
16 May 2022
More results

Similar Description - PBSS5350X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
logo
Nexperia B.V. All right...
PBSS5350TH NEXPERIA-PBSS5350TH Datasheet
252Kb / 14P
   50 V, 3 A PNP low VCEsat (BISS) transistor
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T_15 Datasheet
179Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
   V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
   50 V, 2 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com