Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3708PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR3708PBF
Description  High Frequency Buck Converters for Computer Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3708PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFR3708PBF_15 Datasheet HTML 1Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 2Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 3Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 4Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 5Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 6Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 7Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 8Page - International Rectifier IRFR3708PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12/13/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
30V
12.5m
61A„
Notes
 through „ are on page 9
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
61
„
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
51
„
A
IDM
Pulsed Drain Current

244
PD @TA = 25°C
Maximum Power Dissipation
ƒ
87
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
61
W
Linear Derating Factor
0.58
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.73
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
D-Pak
I-Pak
IRFR3708
IRFU3708
l High Frequency DC-DC Isolated Converters
with Synchronous Rectification for Telecom
and Industrial Use
Benefits
Applications
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Buck Converters for
Computer Processor Power
PD - 95071A
l Lead-Free
IRFR3708PbF
IRFU3708PbF


Similar Part No. - IRFR3708PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3708PBF IRF-IRFR3708PBF Datasheet
225Kb / 10P
   HEXFET짰Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3708PBF KERSEMI-IRFR3708PBF Datasheet
3Mb / 9P
   SMPS MOSFET
IRFR3708PBF KERSEMI-IRFR3708PBF Datasheet
3Mb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
logo
International Rectifier
IRFR3708PBF IRF-IRFR3708PBF Datasheet
226Kb / 10P
   SMPS MOSFET
More results

Similar Description - IRFR3708PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7468PBF IRF-IRF7468PBF_15 Datasheet
131Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7469PBF IRF-IRF7469PBF_15 Datasheet
131Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF3708STRR IRF-IRF3708STRR Datasheet
147Kb / 11P
   High Frequency Buck Converters for Computer Processor Power
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com