Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-6320-6M02E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-6320-6M02E
Description  Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-6320-6M02E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-6320-6M02E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-6320-6M02E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-6320
Intel® Atom™ Dual Core D510/D525 with
6 COM and 8 USB Fanless Box PC
ƒ Built-in Intel® Atom™ Dual Core D510 1.66 GHz/D525 1.8GHz
ƒ Comprehensive I/O: Dual GbE, 8 x USB, 6 x COM, 1 x VGA, and audio
ƒ Mini PCIe expansion slot
ƒ Accepts DC12 V input
ƒ Anti-vibration design for 2.5" SATA HDD Bay to ensure maximum reliability
ƒ Built-in mounting bracket supports wall and table-mounting, with optional
VESA mounting bracket
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
ARK-6320-6M01E
ARK-6320-6M02E
Processor System
CPU
Intel Atom Dual Core D510 1.66 GHz
Intel Atom Dual Core D525 1.8 GHz
L2 Cache
1MB
1MB
System Chipset
Intel ICH8-M
BIOS
AMI 16 Mbit SPI Flash
Memory
Technology
Single Channel DDR2 667 MHz
Dual Channel DDR3 800 MHz
Max. Capacity
2 GB
4 GB
Socket
1 x 200-pin SO-DIMM
2 x 204-pin SO-DIMM
Graphics
Chipset
Embedded Gen 3.5 + GFX Core
VRAM
Optimized Shared Memory Architecture up to 224 MB system memory
Interface
VGA: Supports up to 2048 x 1536 @ 60 Hz
LVDS: Single channel 18-bit up to
1366 x 768 (optional)
VGA: Supports up to 2048 x 1536 @ 60 Hz
DVI-D: Supports up to 1600 x 1200
LVDS: Single channel 18/24-bit up to
1366 x 768 (optional)
Dual Display
VGA+LVDS
VGA+DVI-D
Ethernet
LAN1
10/100/1000 Mbps Intel 82567V GbE, support Wake On LAN
LAN2
10/100/1000 Mbps Intel 82583V GbE, support Wake On LAN
Audio
Interfaces
Line-in, Line-out, Mic-in
IO Interface
Serial Ports
5 x RS232, 1 x RS232/422/485
USB Interface
8 x USB ports, USB 2.0 Compliant
watchdog timer
Programmable, 1~255 sec/min
Storage
HDD
Supports one SATA 2.5" HDD Bay (support 9.5mm height only)
SSD
Supports one internal CompactFlash socket for type I/II CompactFlash disk
Expansion
miniPCIe
1 x miniPCIe
Software Support
Microsoft Windows
Win 7, XP Professional, XP Embedded
Power Requirement
Power Type
ATX
Power Input Voltage
12 VDC, ± 10%
Minimum Power Input
DC 12V @ 3.75A
Power Adapter
AC-to-DC, 60W DC12V/5A (optional)
Power Consumption
Typical
23 W (with Intel Atom D525 1.8 GHz)
Max.
37 W (with Intel Atom D525 1.8 GHz)
Mechanical
Construction
Aluminum housing
Mounting
Desk/wall-mounting
Dimensions (W x H x D)
200 x 73 x 200 mm (7.9" x 2.9" x 7.9")
Weight
4.14 kg (8.8 lb)
Environment
Operating Temperature
0 ~ 40° C with 2.5" HDD, 0.7m/sec air flow
Storage Temperature
- 40 ~ 85° C (-40 ~185° F)
Relative Humidity
10 ~ 85% @ 50° C, non-condensing
Vibration Loading During
Operation
With 2.5-inch HDD: 0.5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis
Shock During Operation
With 2.5-inch HDD: 20 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE, FCC, CCC, BSMI
Safety Certifications
CCC, BSMI, UL
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 2-Jul-2014


Similar Part No. - ARK-6320-6M02E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6320-6M02E ADVANTECH-ARK-6320-6M02E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
More results

Similar Description - ARK-6320-6M02E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3403 ADVANTECH-ARK-3403 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-3403 ADVANTECH-ARK-3403_14 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-VH200 ADVANTECH-ARK-VH200_14 Datasheet
703Kb / 2P
   Intel짰 Atom??Dual Core D510 In-Vehicle DVR with 4 BNC Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com