Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-1123L-S3A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-1123L-S3A1E
Description  Intel짰 Atom E3825 SoC with Dual COM and GPIO Palm-Size Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1123L-S3A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-1123L-S3A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1123L-S3A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-1123L Intel®AtomE3825SoCwithDualCOM
and GPIO Palm-Size Fanless Box PC
ƒ Intel® Atom™ Processor E3825 Dual Core 1.33 GHz SoC
ƒ 1 x 2.5" SATA HDD/SSD Bay
ƒ 1 x GbE & 1 x VGA & 1 x GPIO
ƒ 1 x RS-232 & 1 x RS-232/422/485
ƒ 1 x Full-Size MiniPCIe (ex. WLAN or WWAN module)
ƒ 1 x Half Size MiniPCIe (ex. mSATA)
ƒ Optional VESA / DIN Rail / Wall Mounting kits
ƒ Threaded DC jack design
ƒ Supports SUSIAccess and Embedded Software APIs
RoHS
COMPLIANT
2002/95/EC
Specifications
ARK-1123L-S3A1E
Processor System
CPU
Intel Atom E3825 Dual Core SoC
Frequency
1.33 GHz
L2 Cache
1 MB
BIOS
AMI EFI 64 Mbit (Default BIOS is supported for 64-bit OS installation, BIOS for 32-bit OS is supported by project)
Memory
Technology
DDR3L 1066MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel® Atom SoC integrated
Graphic Engine
DirectX* 11.1, OGL 3.0, OCL 1.1, OGL ES 2.0 support
Encode: H264, MPEG2/4, VC1, WMV9
Decode: H264, MPEG2
VGA
1 x VGA, support up to 1920 x 1200 at 60Hz
Audio
Main System
ALC-888S, High Definition Audio. Line-out & Line-in
Ethernet
LAN #1
10/100/1000 Mbps Intel I210 GbE, support Wake on LAN
I/O Interface
Serial Ports
1 x RS-232 & 1 x RS-232/422/485 (BIOS selectable)
USB Interface
1 x USB 2.0 & 1 x USB3.0
Other
Watchdog timer
255-level timer interval, setup by software
GPIO
8 bit GPIO
Expansion
Mini PCIe #1
1 x Full-size Mini PCIe, support WLAN or WWAN module
Mini PCIe #2
1 x Half-size Mini PCIe, support mSATA module
Storage
2.5" Drive Bay
1 x 2.5” SATA HDD Bay (Max Height 9.5mm)
mSATA
Leverage MiniPCIe #2 slot
Software Support
Microsoft Windows
WES7, Windows 7, WE8S, Windows 8 (32-bit support by project)
Linux
Support (by Project)
Power Requirement
Power Input Voltage
Single 12 VDC
Power Adapter
AC to DC, DC12 V/3 A, 36 W with threaded design
Mechanical
Construction
Aluminum housing
Mounting
VESA/DIN Rail/Wall Mounting Kits (Optional)
Dimensions (W x H x D)
133.8 x 43.1 x 94.2 mm (5.27" x 1.7" x 3.71")
Environment
Operating Temperature
With extended temperature SSD/mSATA/RAM : -30 ~ 70° C with 0.7m/s air flow
With standard temperature HDD/SSD/mSATA/RAM peripherals:0 ~ 40° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C (-40~185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With mSATA/SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
With HDD: 0.5Grms, IEC 60068-2-64, random, 5~500Hz, 3 axes, 1hr/axis
Shock During Operation
With mSATA/SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
With HDD: 10G, IEC 60068-2-27, half sine, 11 ms duration
Regulation
EMC
CE/FCC Class A, CCC, BSMI
Safety
UL, CCC, BSMI, CB
NEW
All product specifications are subject to change without notice
Last updated : 3-Aug-2015


Similar Part No. - ARK-1123L-S3A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1123L-S3A1E ADVANTECH-ARK-1123L-S3A1E Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual COM and GPIO Palm-Size Fanless Box PC
ARK-1123L-S3A1E ADVANTECH-ARK-1123L-S3A1E Datasheet
1Mb / 2P
   Dual COM and GPIO Palm-Size Fanless Box PC
More results

Similar Description - ARK-1123L-S3A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1123L ADVANTECH-ARK-1123L Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual COM and GPIO Palm-Size Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_V01 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
10-Jan-2019
ARK-1123L ADVANTECH-ARK-1123L_17 Datasheet
1Mb / 2P
   Dual COM and GPIO Palm-Size Fanless Box PC
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1122 ADVANTECH-ARK-1122 Datasheet
452Kb / 2P
   Palm-size and Ultra Low Power Intel짰 Atom??N2600/N2800 Fanless Embedded Box PC
ARK-1120LX ADVANTECH-ARK-1120LX_15 Datasheet
748Kb / 2P
   Palm-size and All in One System Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
   In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ARK-1120F ADVANTECH-ARK-1120F_15 Datasheet
666Kb / 2P
   Intel짰 Atom??N455 with 4 COM Port Extendibility Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com