Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2240L Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMUN2240L
Description  Digital Transistors (BRT) R1 = 47k R2 = k
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2240L Datasheet(HTML) 3 Page - ON Semiconductor

  MMUN2240L Datasheet HTML 1Page - ON Semiconductor MMUN2240L Datasheet HTML 2Page - ON Semiconductor MMUN2240L Datasheet HTML 3Page - ON Semiconductor MMUN2240L Datasheet HTML 4Page - ON Semiconductor MMUN2240L Datasheet HTML 5Page - ON Semiconductor MMUN2240L Datasheet HTML 6Page - ON Semiconductor MMUN2240L Datasheet HTML 7Page - ON Semiconductor MMUN2240L Datasheet HTML 8Page - ON Semiconductor MMUN2240L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MUN2240, MMUN2240L, MUN5240, DTC144TE, DTC144TM3, NSBC144TF3
http://onsemi.com
3
Table 2. THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
THERMAL CHARACTERISTICS (SC−59) (MUN2240)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
230
338
1.8
2.7
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
540
370
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
264
287
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SOT−23) (MMUN2240L)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
246
400
2.0
3.2
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
508
311
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
174
208
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SC−70/SOT−323) (MUN5240)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
202
310
1.6
2.5
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
618
403
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
280
332
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SC−75) (DTC144TE)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
200
300
1.6
2.4
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
600
400
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SOT−723) (DTC144TM3)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25°C
(Note 1)
(Note 2)
PD
260
600
2.0
4.8
mW
mW/°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
480
205
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR−4 @ 500 mm2, 1 oz. copper traces, still air.


Similar Part No. - MMUN2240L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2240L ONSEMI-MMUN2240L Datasheet
143Kb / 11P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
MMUN2240L ONSEMI-MMUN2240L Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MMUN2240LT1G ONSEMI-MMUN2240LT1G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - MMUN2240L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2115 ONSEMI-MUN2115 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
September, 2012 ??Rev. 1
MUN2215 ONSEMI-MUN2215_13 Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
March, 2013 ??Rev. 1
MUN2241 ONSEMI-MUN2241 Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 100 k R2 = k
February, 2012 ??Rev. 1
MMUN2238L ONSEMI-MMUN2238L Datasheet
111Kb / 7P
   Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
August, 2012 ??Rev. 0
MUN2140 ONSEMI-MUN2140 Datasheet
112Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
September, 2012 ??Rev. 1
MUN2215 ONSEMI-MUN2215 Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 =  k
August, 2012 ??Rev. 0
MUN2216 ONSEMI-MUN2216 Datasheet
128Kb / 10P
   Digital Transistors (BRT) R1 = 4.7 k, R2 =  k
February, 2013 ??Rev. 1
MUN2240 ONSEMI-MUN2240 Datasheet
107Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
August, 2012 ??Rev. 0
MUN2238 ONSEMI-MUN2238 Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
February, 2013 ??Rev. 1
MUN2140 ONSEMI-MUN2140_13 Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
February, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com