Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZM3T5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTC143ZM3T5G
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC143ZM3T5G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTC143ZM3T5G Datasheet HTML 2Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 3Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 4Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 5Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 6Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 7Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 8Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 9Page - ON Semiconductor DTC143ZM3T5G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2233, MMUN2233L, MUN5233, DTC143ZE, DTC143ZM3, NSBC143ZF3
www.onsemi.com
6
TYPICAL CHARACTERISTICS
NSBC143ZF3
−55
°C
150
°C
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 11. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
50
40
30
20
10
0
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
25
°C
1
0.1
0.01
110
50
1000
1
10
100
−55
°C
150
°C
25
°C
2.4
25
°C
−55
°C
150
°C
01
4
23
100
10
1
0.1
0.01
0.001
25
°C
−55
°C
150
°C
100
50
40
30
20
10
0
40
30
20
100
10
1
0.1
2
1.6
1.2
0.8
0.4
0
10
1
0.1
f = 10 kHz
IE = 0 A
TA = 25°C


Similar Part No. - DTC143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
August, 2012 ??Rev. 0
DTC143ZM3T5G ONSEMI-DTC143ZM3T5G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com