Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC113EF3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NSBC113EF3
Description  Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC113EF3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NSBC113EF3 Datasheet HTML 3Page - ON Semiconductor NSBC113EF3 Datasheet HTML 4Page - ON Semiconductor NSBC113EF3 Datasheet HTML 5Page - ON Semiconductor NSBC113EF3 Datasheet HTML 6Page - ON Semiconductor NSBC113EF3 Datasheet HTML 7Page - ON Semiconductor NSBC113EF3 Datasheet HTML 8Page - ON Semiconductor NSBC113EF3 Datasheet HTML 9Page - ON Semiconductor NSBC113EF3 Datasheet HTML 10Page - ON Semiconductor NSBC113EF3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MUN2230, MMUN2230L, MUN5230, DTC113EE, DTC113EM3, NSBC113EF3
www.onsemi.com
7
PACKAGE DIMENSIONS
SC−59
CASE 318D−04
ISSUE H
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
e
A1
b
A
E
D
2
3
1
C
L
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
2.4
0.094
0.95
0.037
0.95
0.037
1.0
0.039
0.8
0.031
mm
inches
SCALE 10:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.00
1.15
1.30
0.039
INCHES
A1
0.01
0.06
0.10
0.001
b
0.35
0.43
0.50
0.014
c
0.09
0.14
0.18
0.003
D
2.70
2.90
3.10
0.106
E
1.30
1.50
1.70
0.051
e
1.70
1.90
2.10
0.067
L
0.20
0.40
0.60
0.008
2.50
2.80
3.00
0.099
0.045
0.051
0.002
0.004
0.017
0.020
0.005
0.007
0.114
0.122
0.059
0.067
0.075
0.083
0.016
0.024
0.110
0.118
NOM
MAX
H E


Similar Part No. - NSBC113EF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC113EF3 ONSEMI-NSBC113EF3 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
NSBC113EF3T5G ONSEMI-NSBC113EF3T5G Datasheet
144Kb / 12P
   Digital Transistors (BRT) R1 = 1 kOhm, R2 = 1 kOhn
February, 2013 ??Rev. 1
NSBC113EF3T5G ONSEMI-NSBC113EF3T5G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com