Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123EE Datasheet(PDF) 7 Page - ON Semiconductor

Part # DTC123EE
Description  Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC123EE Datasheet(HTML) 7 Page - ON Semiconductor

Back Button DTC123EE Datasheet HTML 3Page - ON Semiconductor DTC123EE Datasheet HTML 4Page - ON Semiconductor DTC123EE Datasheet HTML 5Page - ON Semiconductor DTC123EE Datasheet HTML 6Page - ON Semiconductor DTC123EE Datasheet HTML 7Page - ON Semiconductor DTC123EE Datasheet HTML 8Page - ON Semiconductor DTC123EE Datasheet HTML 9Page - ON Semiconductor DTC123EE Datasheet HTML 10Page - ON Semiconductor DTC123EE Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MUN2231, MMUN2231L, MUN5231, DTC123EE, DTC123EM3, NSBC123EF3
www.onsemi.com
7
PACKAGE DIMENSIONS
SOT−23 (TO−236)
CASE 318−08
ISSUE AP
D
A1
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS.
mm
inches
SCALE 10:1
0.8
0.031
0.9
0.035
0.95
0.037
0.95
0.037
2.0
0.079
SOLDERING FOOTPRINT
VIEW C
L
0.25
L1
q
e
E
E
b
A
SEE VIEW C
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.89
1.00
1.11
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.37
0.44
0.50
0.015
c
0.09
0.13
0.18
0.003
D
2.80
2.90
3.04
0.110
E
1.20
1.30
1.40
0.047
e
1.78
1.90
2.04
0.070
L
0.10
0.20
0.30
0.004
0.040
0.044
0.002
0.004
0.018
0.020
0.005
0.007
0.114
0.120
0.051
0.055
0.075
0.081
0.008
0.012
NOM
MAX
L1
H
STYLE 6:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
2.10
2.40
2.64
0.083
0.094
0.104
H E
0.35
0.54
0.69
0.014
0.021
0.029
c
0
−−−
10
0
−−−
10
q
°
°
°
°


Similar Part No. - DTC123EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EE ROHM-DTC123EE Datasheet
85Kb / 4P
   Digital transistors (built-in resistors)
DTC123EE ROHM-DTC123EE Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistors
20160325 - Rev.001
logo
Weitron Technology
DTC123EE WEITRON-DTC123EE Datasheet
429Kb / 13P
   Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC123EE ROHM-DTC123EE Datasheet
167Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Weitron Technology
DTC123EE WEITRON-DTC123EE Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com