Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFB23L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # SMFB23L
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMFB23L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMFB23L Datasheet HTML 1Page - KEC(Korea Electronics) SMFB23L Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 9. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMFB23L
SCHOTTKY BARRIER TYPE DIODE
Revision No : 5
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
・Low Profile Surface Mount Package.
・Low Power Loss, High Efficiency.
・Low Forward Voltage : V
FM=0.36V(Max.)
APPLICATION
・Switching Power Supply.
・Reversed Battery Connection Protection.
・DC/DC Converter.
・Cellular Phones.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=1.5A
-
-
0.36
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
1.0
mA
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
20
℃/W
Rth(j-a)
Junction to ambient
(on a grass-epoxy board)
-
-
140
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectitifed Current
IO
1.5
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
33
A
Junction Temperature
Tj
-40
~125
Storage Temperature Range
Tstg
-40
~125


Similar Part No. - SMFB23L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMFB23L KEC-SMFB23L Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - SMFB23L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com