Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ5.6CE Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDZ5.6CE
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ5.6CE Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDZ5.6CE Datasheet HTML 1Page - KEC(Korea Electronics) KDZ5.6CE Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDZ5.6CE
Revision No : 1
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CONSTANT VOLTAGE REGULATION APPLICATION.
FEATURES
・Small Package
・Normal Voltage Tolerance about ±2%.
MAXIMUM RATING (Ta=25
℃)
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+
_
+
_
+
_
+
_
+
_
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
150*
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
* Mounted on a glass epoxy circuit board of 20
×20㎜,
pad dimension of 4
×4㎜.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Zener Voltage
VZ
IZ=5mA
5.490
-
5.730
V
Dynamic Impedance
ZZ
IZ=5mA
-
-
60
Knee Dynamic Impedance
ZZK
IZ=0.5mA
-
-
200
Reverse Current
IR
VR=2.5V
-
-
1
μA
Total capacitance
Ct
VR=0.5V, f=1MHz
-
-
25
pF
VR=2.5V, f=1MHz
-
-
19
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
ZM


Similar Part No. - KDZ5.6CE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ5.6CE KEC-KDZ5.6CE Datasheet
10Kb / 1P
   ESC PACKAGE
More results

Similar Description - KDZ5.6CE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.4V KEC-KDZ2.4V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com