Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5133 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MUN5133
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5133 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MUN5133 Datasheet HTML 2Page - ON Semiconductor MUN5133 Datasheet HTML 3Page - ON Semiconductor MUN5133 Datasheet HTML 4Page - ON Semiconductor MUN5133 Datasheet HTML 5Page - ON Semiconductor MUN5133 Datasheet HTML 6Page - ON Semiconductor MUN5133 Datasheet HTML 7Page - ON Semiconductor MUN5133 Datasheet HTML 8Page - ON Semiconductor MUN5133 Datasheet HTML 9Page - ON Semiconductor MUN5133 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2133, MMUN2133L, MUN5133, DTA143ZE, DTA143ZM3, NSBA143ZF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS
NSBA143ZF3
−55°C
150°C
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
50
40
30
20
10
0
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
25°C
1
0.1
0.01
110
50
1000
1
10
100
−55°C
150°C
25°C
7
25°C
−55°C
150°C
01
4
23
100
10
1
0.1
0.01
0.001
25°C
−55°C
150°C
100
50
40
30
20
10
0
40
30
20
100
10
1
0.1
10
1
0.1
f = 10 kHz
IE = 0 A
TA = 25°C
6
5
4
3
2
1
0
5


Similar Part No. - MUN5133

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5133 WEITRON-MUN5133 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN5133 ONSEMI-MUN5133 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN5133 ONSEMI-MUN5133 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
logo
Yea Shin Technology Co....
MUN5133 YEASHIN-MUN5133 Datasheet
1Mb / 12P
   Bias Resistor Transistor
logo
AiT Semiconductor Inc.
MUN5133 AITSEMI-MUN5133 Datasheet
1Mb / 15P
   BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com