Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR2405PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR2405PBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR2405PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR2405PBF Datasheet HTML 2Page - International Rectifier IRFR2405PBF Datasheet HTML 3Page - International Rectifier IRFR2405PBF Datasheet HTML 4Page - International Rectifier IRFR2405PBF Datasheet HTML 5Page - International Rectifier IRFR2405PBF Datasheet HTML 6Page - International Rectifier IRFR2405PBF Datasheet HTML 7Page - International Rectifier IRFR2405PBF Datasheet HTML 8Page - International Rectifier IRFR2405PBF Datasheet HTML 9Page - International Rectifier IRFR2405PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
IRFR/U2405OPbF
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
40
80
120
160
200
240
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
14A
24A
34A


Similar Part No. - IRFR2405PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR2405PBF IRF-IRFR2405PBF Datasheet
217Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR2405PBF KERSEMI-IRFR2405PBF Datasheet
3Mb / 10P
   Surface Mount (IRFR2405) Straight Lead (IRFU2405) Advanced Process Technology
logo
International Rectifier
IRFR2405PBF IRF-IRFR2405PBF Datasheet
226Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFR2405PBF KERSEMI-IRFR2405PBF Datasheet
3Mb / 10P
   Advanced Process Technology
logo
International Rectifier
IRFR2405PbF IRF-IRFR2405PbF Datasheet
226Kb / 11P
   Surface Mount (IRFR2405)
More results

Similar Description - IRFR2405PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com