Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W19AT001-30 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W19AT001-30
Description  Rugged waveguide configuration
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W19AT001-30 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W19AT001-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W19AT001-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W19AT001-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
-35
-30
-25
-20
-15
-10
-5
0
40
42
44
46
48
50
52
54
56
58
60
dB
FREQUENCY GHz
Attenuation
0 dB ATTENUATION
10 dB ATTENUATION
20 dB ATTENUATION
30 dB ATTENUATION
0 to 30 dB Waveguide Continuously Variable Attenuator, WR-19, From 40 GHz To 60 GHz, UG383/U-Mod Flange from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 30 dB Waveguide Continuously Variable Attenuator, WR-19, From 40 GHz To 60 GHz,
UG383/U-Mod Flange PE-W19AT001-30
URL: http://www.pasternack.com/30-db-waveguide-continuously-variable-attenuator-wr-19-60-ghz-pe-w19at001-30-p.aspx
PE-W19AT001-30 REV 1.0
PE-W19AT001-30
0 to 30 dB Waveguide Continuously Variable Attenuator,
WR-19, From 40 GHz To 60 GHz, UG383/U-Mod Flange


Similar Part No. - PE-W19AT001-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19AT5001 PASTERNACK-PE-W19AT5001 Datasheet
537Kb / 5P
   WR-19 Waveguide Direct Read Attenuator, 0 to 50 dB, From 40 GHz to 60 GHz, UG-383/U-Mod Round Cover Flange, Dial
More results

Similar Description - PE-W19AT001-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W10AT001-30 PASTERNACK-PE-W10AT001-30 Datasheet
405Kb / 3P
   Rugged waveguide configuration
PE-W12AT001-30 PASTERNACK-PE-W12AT001-30 Datasheet
406Kb / 3P
   Rugged waveguide configuration
PE-W22AT001-30 PASTERNACK-PE-W22AT001-30 Datasheet
408Kb / 3P
   Rugged waveguide configuration
PE-W15AT001-30 PASTERNACK-PE-W15AT001-30 Datasheet
406Kb / 3P
   Rugged waveguide configuration
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
logo
List of Unclassifed Man...
E02068 ETC2-E02068 Datasheet
22Kb / 1P
   Bezeichnung Configuration
logo
Texas Instruments
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
logo
Shanghai Leiditech Elec...
BGX50A LEIDITECH-BGX50A Datasheet
720Kb / 5P
   Bridge configuration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com