Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFPS3810PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFPS3810PBF
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS3810PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFPS3810PBF_15 Datasheet HTML 1Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 2Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 3Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 4Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 5Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 6Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 7Page - International Rectifier IRFPS3810PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFPS3810PbF
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
40
80
120
160
200
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


Similar Part No. - IRFPS3810PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFPS3810PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com