Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTAN4150-11A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN4150-11A
Description  Marktech 0.50 Single Alpha Numeric
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN4150-11A Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN4150-11A Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
437
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.5" Sing
0.5" Sing
0.5" Sing
0.5" Sing
0.5" Single Digit
le Digit
le Digit
le Digit
le Digit Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 0.5" digit height
· Right hand decimal point
· Additional colors/materials available
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE A2
1.
ANODE A2
2.
CATHODE A1
2.
ANODE A1
3.
CATHODE I
3.
ANODE I
4.
CATHODE H
4.
ANODE H
5.
CATHODE F
5.
ANODE F
6.
CATHODE E
6.
ANODE E
7.
CATHODE M
7.
ANODE M
8.
CATHODE D2
8.
ANODE D2
9.
CATHODE D1
9.
ANODE D1
10.
CATHODE DP
10.
ANODE DP
11.
CATHODE L
11.
ANODE L
12.
CATHODE K
12.
ANODE K
13.
CATHODE C
13.
ANODE C
14.
CATHODE G1
14.
ANODE G1
15.
CATHODE G2
15.
ANODE G2
16.
CATHODE B
16.
ANODE B
17.
CATHODE J
17.
ANODE J
18.
COMMON ANODE
18.
COMMON CATHODE
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTAN2150-11A
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
1
MTAN4150-11A
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTAN4150R-11A
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTAN7150M-11A
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
1
MTAN2150-11C
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
2
MTAN4150-11C
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTAN4150R-11C
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTAN7150M-11C
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTAN4150-11A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN4111-11A MARKTECH-MTAN4111-11A Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4111-21C MARKTECH-MTAN4111-21C Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4111R-11A MARKTECH-MTAN4111R-11A Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4111R-21C MARKTECH-MTAN4111R-21C Datasheet
44Kb / 1P
   Marktech 1.20 5x7 Dot Matrix
MTAN4115-11A MARKTECH-MTAN4115-11A Datasheet
47Kb / 1P
   Marktech 1.50 8x8 Dot Matrix
More results

Similar Description - MTAN4150-11A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2180-AG MARKTECH-MTAN2180-AG Datasheet
43Kb / 1P
   Marktech 0.80 Single Alpha Numeric
MTAN2139-AG MARKTECH-MTAN2139-AG Datasheet
43Kb / 1P
   Marktech 0.39 Single Alpha Numeric
MTAN2123-AG MARKTECH-MTAN2123-AG Datasheet
45Kb / 1P
   Marktech 2.30 Single Alpha Numeric
MTAN2254-11A MARKTECH-MTAN2254-11A Datasheet
47Kb / 1P
   Marktech 0.54 Dual Alpha Numeric
MTAN2254-21A MARKTECH-MTAN2254-21A Datasheet
55Kb / 1P
   Marktech 0.54 Dual Multiplex Alpha Numeric
MTAN2125-AG MARKTECH-MTAN2125-AG Datasheet
49Kb / 1P
   Marktech 1.00 Single Alpha Numeric w/R&UL Decimals
logo
List of Unclassifed Man...
C-508H ETC1-C-508H Datasheet
79Kb / 1P
   ALPHA-NUMERIC DISPLAY
C-808H ETC1-C-808H Datasheet
79Kb / 1P
   ALPHA-NUMERIC DISPLAY
C-2308X ETC-C-2308X Datasheet
87Kb / 1P
   ALPHA-NUMERIC DISPLAY
logo
Marktech Corporate
MTAN3180-AUY MARKTECH-MTAN3180-AUY Datasheet
23Kb / 2P
   0.8 Single Digit Alpha Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com