Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6206 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6206
Description  SP6T Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6206 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6206 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6206 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6206 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6206 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6206 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6206 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6206 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• SP6T Switch
• DC to 40 GHz Operating Frequency Range
• 1 M Cycles min
• Normally Open Switch
Applications
• Test & Measurement
• Communications System
• Instrumentation
.
Description
The PE71S6206 is Single Pole Six Throw Switch that operates from DC to 40 GHz. The switch has a normally open actuator
and 1M life cycles. The switch has an opating voltage of 12 Volts.
Electrical Specifications
Switch Type
SP6T
Actuator
Normally Open
Switching Action
Failsafe
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
Impedance
50
Ohms
Operating Voltage
12
12
Volts
Actuating Current @ 12 Volts
255
mA
Input Power (CW)
60
Watts
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 4
4 to 8
GHz
VSWR, Max
1.2:1
1.65:1
Insertion Loss, Max
0.2
0.6
dB
Isolation, Min
80
70
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 12V Control with
Normally Open PE71S6206
PE71S6206 REV 1.0
SP6T Electromechanical Relay Switch DC to 8 GHz,
TNC, 60 Watts, 12V Control with Normally Open
Electromechanical Relay Switches - PE71S6206


Similar Part No. - PE71S6206

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
   SP6T Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
   Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
   Transfer Switch
PE71S6204 PASTERNACK-PE71S6204 Datasheet
443Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz,TNC, 50 Watts, 12V Control with Indicators, TTL
More results

Similar Description - PE71S6206

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
   SP6T Switch
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
   SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
   SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
   SP6T Switch
logo
Pasternack Enterprises,...
PE71S6197 PASTERNACK-PE71S6197 Datasheet
452Kb / 4P
   SP6T Switch
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
PE71S6187 PASTERNACK-PE71S6187 Datasheet
418Kb / 4P
   SP6T Switch
PE71S6188 PASTERNACK-PE71S6188 Datasheet
463Kb / 4P
   SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
   SP6T Switch
logo
Mini-Circuits
MSP6TA-12-12D MINI-MSP6TA-12-12D Datasheet
364Kb / 3P
   SP6T Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com