Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6205 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6205
Description  Transfer Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6205 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6205 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6205 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6205 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6205 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6205 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6205 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Mechanical Specifications
Size
Length
2 in [50.8 mm]
Width/Diameter
2 in [50.8 mm]
Height
2.81 in [71.37 mm]
.
Weight
0.88 lbs [399.16 g]
.
Operating Life
1,000,000 Cycles
Switching Time
50 ms Max ( )
Connectors
RF Connector Type
TNC Female
Environmental Specifications
Temperature
Operating Range
-25 to +65 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
PE71S6205 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Transfer Electromechanical Relay Switch DC to 12.4 GHz, TNC, 40 Watts, 28V Control
with Indicators, Failsafe, TTL PE71S6205
Transfer Electromechanical Relay Switch DC to 12.4 GHz,
TNC, 40 Watts, 28V Control with Indicators, Failsafe, TTL
Electromechanical Relay Switches - PE71S6205


Similar Part No. - PE71S6205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
   SP6T Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
   Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
   Transfer Switch
PE71S6204 PASTERNACK-PE71S6204 Datasheet
443Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz,TNC, 50 Watts, 12V Control with Indicators, TTL
More results

Similar Description - PE71S6205

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
   GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
   Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
   Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
   Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
   Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
   Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
   Transfer Switch
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
   Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
   Transfer Switch
logo
Pasternack Enterprises,...
PE71S6178 PASTERNACK-PE71S6178 Datasheet
452Kb / 6P
   Transfer Switch
PE71S6180 PASTERNACK-PE71S6180 Datasheet
410Kb / 4P
   Transfer Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com