Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTAN4139-AO Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN4139-AO
Description  Marktech 0.39 Single Alpha Numeric
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN4139-AO Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN4139-AO Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
436
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.39" Sing
0.39" Sing
0.39" Sing
0.39" Sing
0.39" Single Digit
le Digit
le Digit
le Digit
le Digit Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 0.39" digit height
· Right hand decimal point
· Additional colors/materials available
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE I
1.
ANODE I
2.
CATHODE H
2.
ANODE H
3.
CATHODE F
3.
ANODE F
4.
COMMON ANODE
4.
COMMON CATHODE
5.
CATHODE G1
5.
ANODE GI
6.
CATHODE E
6.
ANODE E
7.
CATHODE M
7.
ANODE M
8.
CATHODE D
8.
ANODE D
9.
CATHODE L
9.
ANODE L
10.
CATHODE K
10.
ANODE K
11.
CATHODE C
11.
ANODE C
12.
CATHODE DP
12.
ANODE DP
13.
COMMON ANODE
13.
COMMON CATHODE
14.
CATHODE G2
14.
ANODE G2
15.
CATHODE B
15.
ANODE B
16.
CATHODE J
16.
ANODE J
17.
COMMON ANODE
17.
COMMON CATHODE
18.
CATHODE A
18.
ANODE A
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTAN2139-AG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
1
MTAN4139-AO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTAN4139-AHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTAN7139M-11A
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
1
MTAN2139-CG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
2900
10
2
MTAN4139-CO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTAN4139-CHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTAN7139M-11C
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
17300
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTAN4139-AO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN4135-AHR MARKTECH-MTAN4135-AHR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
MTAN4135-AHR MARKTECH-MTAN4135-AHR Datasheet
44Kb / 1P
   Marktech 0.30 5x7 Dot Matrix
MTAN4135-AO MARKTECH-MTAN4135-AO Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
MTAN4135-AO MARKTECH-MTAN4135-AO Datasheet
44Kb / 1P
   Marktech 0.30 5x7 Dot Matrix
MTAN4135-CHR MARKTECH-MTAN4135-CHR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
More results

Similar Description - MTAN4139-AO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2150-11A MARKTECH-MTAN2150-11A Datasheet
42Kb / 1P
   Marktech 0.50 Single Alpha Numeric
MTAN2180-AG MARKTECH-MTAN2180-AG Datasheet
43Kb / 1P
   Marktech 0.80 Single Alpha Numeric
MTAN2123-AG MARKTECH-MTAN2123-AG Datasheet
45Kb / 1P
   Marktech 2.30 Single Alpha Numeric
MTAN2254-11A MARKTECH-MTAN2254-11A Datasheet
47Kb / 1P
   Marktech 0.54 Dual Alpha Numeric
MTAN2254-21A MARKTECH-MTAN2254-21A Datasheet
55Kb / 1P
   Marktech 0.54 Dual Multiplex Alpha Numeric
MTAN2125-AG MARKTECH-MTAN2125-AG Datasheet
49Kb / 1P
   Marktech 1.00 Single Alpha Numeric w/R&UL Decimals
MTN2136-AG MARKTECH-MTN2136-AG Datasheet
40Kb / 1P
   Marktech 0.39 Single Digit
logo
BetLux Electronics
BL-S39A-13 BETLUX-BL-S39A-13 Datasheet
303Kb / 5P
   9.9mm (0.39) Single digit Seven Segment LED display series, ALPHA-NUMERIC TYPE
logo
List of Unclassifed Man...
C-508H ETC1-C-508H Datasheet
79Kb / 1P
   ALPHA-NUMERIC DISPLAY
C-808H ETC1-C-808H Datasheet
79Kb / 1P
   ALPHA-NUMERIC DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com