Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6121-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH6121-TL-H
Description  Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6121-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  MCH6121-TL-H Datasheet HTML 1Page - ON Semiconductor MCH6121-TL-H Datasheet HTML 2Page - ON Semiconductor MCH6121-TL-H Datasheet HTML 3Page - ON Semiconductor MCH6121-TL-H Datasheet HTML 4Page - ON Semiconductor MCH6121-TL-H Datasheet HTML 5Page - ON Semiconductor MCH6121-TL-H Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCH6121
No.A1286-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= -12V, IE=0A
-0.1
μA
Emitter Cutoff Current
IEBO
VEB= -4V, IC=0A
-0.1
μA
DC Current Gain
hFE
VCE= -2V, IC= -500mA
200
560
Gain-Bandwidth Product
fT
VCE= -2V, IC= -500mA
380
MHz
Output Capacitance
Cob
VCB= -10V, f=1MHz
40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= -1.5A, IB= -30mA
-110
-165
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= -1.5A, IB= -30mA
-0.85
-1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= -10μA, IE=0A
-15
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= -1mA, RBE=∞
-12
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= -10μA, IC=0A
-5
V
Turn-On Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
90
ns
Fall Time
tf
14
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH6121-TL-H
MCPH6
3,000pcs./reel
Pb Free and Halogen Free
VR
1kΩ
VCC= --5V
VBE=5V
IC=20IB1=--20IB2=--1.5A
+
+
50Ω
INPUT
OUTPUT
RL
220μF
470μF
PW=20μs
IB1
D.C.1%
IB2
IT04544
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
0
--0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0
--2.0
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
--1.8
--2mA
--4mA
--6mA
--8mA
--10mA
--12mA
IB=0mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT04545
0
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
VCE=--2V


Similar Part No. - MCH6121-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6121 SANYO-MCH6121 Datasheet
245Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifi er
More results

Similar Description - MCH6121-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com