Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3245-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCH3245-TL-E
Description  Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3245-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  MCH3245-TL-E Datasheet HTML 1Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 2Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 3Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 4Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 5Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 6Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 7Page - ON Semiconductor MCH3245-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCH3145 / MCH3245
No.8211-3/8
Cob -- VCB
5
5
7
10
2
3
7
5
--0.1
7 --10
23
5
57 --1.0
23
23
7
MCH3145
f=1MHz
Cob -- VCB
MCH3245
f=1MHz
IT09104
IT09105
IT09100
IT09102
IT09103
2
3
5
7
2
3
100
7
5
hFE -- IC
Ta=75°C
--25°C
MCH3145
VCE= --2V
25°C
hFE -- IC
Ta=75°C
--25°C
MCH3245
VCE=2V
25
°C
7
5
3
100
2
7
f T -- IC
f T -- IC
22
33
57
--0.01
--0.1
--1.0
23
5
7
23
5
7
--0.01
--0.1
--1.0
MCH3245
VCE=10V
23
2
3
57
10
3
5
3
5
7
100
2
2
7
23
5
7
0.01
0.1
3
23
5
7
1.0
2
MCH3145
VCE= --10V
IT09101
5
7
2
3
100
7
5
22
33
57
0.01
0.1
1.0
23
5
7
3
5
7
10
2
3
5
5
0.1
7 10
23
5
57 1.0
23
23
7
--2.00
--1.75
--1.25
--0.75
--1.50
--1.00
--0.50
--0.25
0
IC -- VBE
IC -- VBE
2.00
1.50
1.00
0.50
1.75
1.25
0.75
0.25
0
IT09098
IT09099
0
--0.2
--0.4
--0.6
--0.8
--1.0
0
0.2
0.4
0.6
0.8
1.0
MCH3245
VCE=2V
MCH3145
VCE= --2V
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V


Similar Part No. - MCH3245-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3245 SANYO-MCH3245 Datasheet
48Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
More results

Similar Description - MCH3245-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2127 ONSEMI-2SA2127 Datasheet
462Kb / 9P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com