Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5240Z Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS5240Z
Description  40 V, 2 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5240Z Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS5240Z_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5240Z_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
PBSS5240Z
40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5240Z
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
15 October 2014
6 / 14
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -32 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICBO
collector-base cut-off
current
VCB = -32 V; IE = 0 A; Tj = 150 °C
-
-
-50
µA
ICES
collector-emitter cut-off
current
VCE = -32 V; VBE = 0 V; Tamb = 25 °C
-
-
-100
nA
IEBO
emitter-base cut-off
current
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
VCE = -5 V; IC = -1 mA; Tamb = 25 °C
300
-
-
VCE = -5 V; IC = -500 mA; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C
215
-
-
VCE = -5 V; IC = -1 A; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C
145
-
-
hFE
DC current gain
VCE = -5 V; IC = -2 A; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C; pulsed
55
-
-
IC = -100 mA; IB = -1 mA; Tamb = 25 °C
-
-
-140
mV
IC = -500 A; IB = -50 mA; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C
-
-
-170
mV
IC = -1 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
-320
mV
VCEsat
collector-emitter
saturation voltage
IC = -2 A; IB = -200 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
-650
mV
RCEsat
collector-emitter
saturation resistance
IC = -1 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
320
VBEsat
base-emitter saturation
voltage
IC = -1 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
-1.2
V
VBEon
base-emitter turn-on
voltage
VCE = -5 V; IC = -1 A; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
-1.1
V
fT
transition frequency
VCE = -10 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
150
-
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
12
pF


Similar Part No. - PBSS5240Z_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
More results

Similar Description - PBSS5240Z_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5240T PHILIPS-PBSS5240T Datasheet
76Kb / 9P
   40 V, 2 A PNP low VCEsat (BISS) transistor
2004 Jan 15
PBSS5240X PHILIPS-PBSS5240X_15 Datasheet
204Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
19 October 2012
PBSS5240T PHILIPS-PBSS5240T_15 Datasheet
305Kb / 9P
   PNP low VCEsat (BISS) transistor 40 V, 2 A
2004 Jan 15
logo
Nexperia B.V. All right...
PBSS5240X NEXPERIA-PBSS5240X Datasheet
687Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PBSS5140T PHILIPS-PBSS5140T_15 Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5140T NXP-PBSS5140T Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com