Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5230T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5230T
Description  30 V, 2 A PNP low VCEsat (BISS) transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5230T Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5230T_15 Datasheet HTML 1Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5230T_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PBSS5230T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 June 2012
3 of 10
NXP Semiconductors
PBSS5230T
30 V, 2 A PNP low VCEsat (BISS) transistor
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
7.
Characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
417
K/W
[2]
-
-
260
K/W
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =-30 V; IE =0 A; Tamb = 25 °C
-
-
-100
nA
VCB =-30 V; IE =0 A; Tj = 150 °C
-
-
-50
µA
IEBO
emitter-base cut-off
current
VEB =-4V; IC =0A; Tamb = 25 °C
-
-
-100
nA
hFE
DC current gain
VCE =-2V; IC =-100mA; Tamb = 25 °C
300
450
-
VCE =-2V; IC =-1A; pulsed;
tp ≤ 300 µs; δ≤ 0.02 ; Tamb =25 °C
200
290
-
VCE =-2V; IC =-2A; pulsed;
tp ≤ 300 µs; δ≤ 0.02 ; Tamb =25 °C
100
180
-
VCEsat
collector-emitter
saturation voltage
IC =-500mA; IB =-50 mA; Tamb =25°C
-
-70
-110
mV
IC =-1A; IB =-50 mA; Tamb = 25 °C
-
-140
-225
mV
IC =-2A; IB =-200 mA; Tamb = 25 °C
-
-240
-350
mV
RCEsat
collector-emitter
saturation resistance
IC =-500mA; IB = -50 mA; pulsed;
tp ≤ 300 µs; δ≤ 0.02 ; Tamb =25 °C
-
160
220
VBEsat
base-emitter saturation
voltage
IC =-2A; IB = -50 mA; pulsed;
tp ≤ 300 µs; δ≤ 0.02 ; Tamb =25 °C
---1.1
V
VBEon
base-emitter turn-on
voltage
VCE =-2V; IC =-100mA; Tamb = 25 °C
-
-
-0.75
V
fT
transition frequency
VCE =-10 V; IC = -100 mA;
f=100MHz; Tamb =25 °C
100
200
-
MHz
Cc
collector capacitance
VCB =-10 V; IE =0 A; ie =0A;
f=1MHz; Tamb =25°C
-
2328pF


Similar Part No. - PBSS5230T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5230T PHILIPS-PBSS5230T Datasheet
55Kb / 7P
   30 V, 2 A PNP low VCEsat (BISS) transistor
2003 Dec 18
PBSS5230T PHILIPS-PBSS5230T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5230T PHILIPS-PBSS5230T Datasheet
55Kb / 7P
   20V, 2A PNP low VCEsat (BISS) transistor
2003 Dec 18
logo
Nexperia B.V. All right...
PBSS5230T NEXPERIA-PBSS5230T Datasheet
463Kb / 11P
   30 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 2 - 4 June 2012
More results

Similar Description - PBSS5230T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5230T PHILIPS-PBSS5230T Datasheet
55Kb / 7P
   30 V, 2 A PNP low VCEsat (BISS) transistor
2003 Dec 18
logo
Nexperia B.V. All right...
PBSS5230QA NEXPERIA-PBSS5230QA Datasheet
727Kb / 17P
   30 V, 2 A PNP low VCEsat (BISS) transistor
23 August 2013
logo
NXP Semiconductors
PBSS5230QA NXP-PBSS5230QA Datasheet
245Kb / 17P
   30 V, 2 A PNP low VCEsat (BISS) transistor
23 August 2013
logo
Nexperia B.V. All right...
PBSS5230T NEXPERIA-PBSS5230T Datasheet
463Kb / 11P
   30 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 2 - 4 June 2012
PBSS5230PAP NEXPERIA-PBSS5230PAP Datasheet
751Kb / 17P
   30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
11 January 2013
logo
NXP Semiconductors
PBSS5230PAP NXP-PBSS5230PAP Datasheet
274Kb / 17P
   30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
11 January 2013
logo
Nexperia B.V. All right...
PBSS4230PANP NEXPERIA-PBSS4230PANP Datasheet
854Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
logo
NXP Semiconductors
PBSS4230PANP NXP-PBSS4230PANP Datasheet
346Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com