Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3900 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE15A3900
Description  Unconditionally Stable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3900 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE15A3900 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3900 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3900 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3900 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3900 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3900 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE15A3900 REV 1.0
10 dBm P1dB, 50 MHz to 18 GHz, USB Controlled Broadband
Amplifier, 12 dB Gain, 4.5 dB NF, SMA
PE15A3900 CAD Drawing


Similar Part No. - PE15A3900

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A3900

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5027 PASTERNACK-PE15A5027 Datasheet
508Kb / 5P
   Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
   Unconditionally Stable
PE15A4025 PASTERNACK-PE15A4025 Datasheet
509Kb / 4P
   Unconditionally Stable
PE15A4017 PASTERNACK-PE15A4017 Datasheet
516Kb / 4P
   Unconditionally Stable
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
   Unconditionally Stable
PE15A8001 PASTERNACK-PE15A8001 Datasheet
392Kb / 3P
   Unconditionally Stable
PE15A5018 PASTERNACK-PE15A5018 Datasheet
817Kb / 7P
   Unconditionally Stable
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
   Unconditionally Stable
logo
L3Harris Narda-MITEQ
LNA-20-00100400-15-10P L3HARRIS-LNA-20-00100400-15-10P Datasheet
573Kb / 3P
   Unconditionally stable
LNA-20-00100400-15-15P L3HARRIS-LNA-20-00100400-15-15P Datasheet
584Kb / 3P
   Unconditionally stable
logo
Pasternack Enterprises,...
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
   Unconditionally Stable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com