Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3500 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A3500
Description  Gain of 60 dB typ
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3500 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3500 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3500 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3500 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3500 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3500 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3500 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-40 to +100 deg C
.
Humidity
MIL-STD-202F, Method 103B COND. B
Shock
MIL-STD-202F, Method 213B COND. B
Vibration
MIL-STD-202F, Method 204D COND. B
Altitude
MIL-STD-202F, Method 105C COND. B
Temperature Cycle
MIL-STD-202F, Method 107D COND. A
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE15A3500
PE15A3500 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 dB Gain, 10 dBm P1dB, 1 GHz to 20 GHz, Broadband High Gain Amplifier, 5 dB NF, SMA
PE15A3500
60 dB Gain, 10 dBm P1dB, 1 GHz to 20 GHz,
Broadband High Gain Amplifier, 5 dB NF, SMA


Similar Part No. - PE15A3500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3500 PASTERNACK-PE15A3500_17 Datasheet
411Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A3500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3502 PASTERNACK-PE15A3502 Datasheet
606Kb / 6P
   Gain of 60 dB typ
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
   Gain of 30 dB typ
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
   Gain 22 dB typ
logo
Siemens Semiconductor G...
CFY30 SIEMENS-CFY30 Datasheet
46Kb / 6P
   GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)
logo
Pasternack Enterprises,...
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
   Insertion Loss 5 dB Typ
PE70A6001 PASTERNACK-PE70A6001 Datasheet
470Kb / 8P
   Insertion Loss 6 dB typ
logo
M/A-COM Technology Solu...
AN3014 MA-COM-AN3014 Datasheet
142Kb / 3P
   Electrical Characterization of the MAAMSS0031 16 dB Gain Application Circuit
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
[Old version datasheet]   Gain Versions: 12 dB
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515 Datasheet
1Mb / 8P
   11 dB Conversion Gain
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com