Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5130T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS5130T
Description  30 V; 1 A PNP low VCEsat (BISS) transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5130T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS5130T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 10Page - NXP Semiconductors PBSS5130T_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NXP Semiconductors
PBSS5130T
30 V; 1 A PNP low VCEsat (BISS) transistor
PBSS5130T
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
9 July 2013
11 / 11
16. Contents
1
General description ............................................... 1
2
Features and benefits ............................................1
3
Applications ........................................................... 1
4
Quick reference data ............................................. 1
5
Pinning information ...............................................2
6
Ordering information .............................................2
7
Marking ................................................................... 2
8
Limiting values .......................................................3
9
Thermal characteristics .........................................3
10
Characteristics .......................................................4
11
Test information .....................................................6
11.1
Quality information ............................................... 6
12
Package outline ..................................................... 6
13
Soldering ................................................................ 7
14
Revision history .....................................................8
15
Legal information ...................................................9
15.1
Data sheet status ................................................. 9
15.2
Definitions .............................................................9
15.3
Disclaimers ...........................................................9
15.4
Trademarks ........................................................ 10
© NXP N.V. 2013. All rights reserved
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 9 July 2013


Similar Part No. - PBSS5130T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T Datasheet
54Kb / 7P
   30 V, 1 A PNP low VCEsat (BISS) transistor
2003 Dec 12
PBSS5130T PHILIPS-PBSS5130T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5130T NEXPERIA-PBSS5130T Datasheet
319Kb / 12P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results

Similar Description - PBSS5130T_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5130QA NEXPERIA-PBSS5130QA Datasheet
726Kb / 17P
   30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
PBSS5130T NEXPERIA-PBSS5130T Datasheet
319Kb / 12P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T Datasheet
54Kb / 7P
   30 V, 1 A PNP low VCEsat (BISS) transistor
2003 Dec 12
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS5130QA NXP-PBSS5130QA Datasheet
244Kb / 17P
   30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com