Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6962C Datasheet(PDF) 7 Page - ON Semiconductor

Part # EN6962C
Description  N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6962C Datasheet(HTML) 7 Page - ON Semiconductor

  EN6962C Datasheet HTML 1Page - ON Semiconductor EN6962C Datasheet HTML 2Page - ON Semiconductor EN6962C Datasheet HTML 3Page - ON Semiconductor EN6962C Datasheet HTML 4Page - ON Semiconductor EN6962C Datasheet HTML 5Page - ON Semiconductor EN6962C Datasheet HTML 6Page - ON Semiconductor EN6962C Datasheet HTML 7Page - ON Semiconductor EN6962C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CPH5902
No.6962-7/8
Outline Drawing
Land Pattern Example
CPH5902G-TL-E, CPH5902H-TL-E
Mass (g) Unit
0.02
* For reference mm
Unit: mm
0.6
0.95
0.95


Similar Part No. - EN6962C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN6962C SANYO-EN6962C Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results

Similar Description - EN6962C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
CPH5901 ONSEMI-CPH5901 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
August, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
   JFET Transistor N-Channel
April, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com