Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4480X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS4480X
Description  NPN low VCEsat (BISS) transistor 80 V, 4 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4480X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS4480X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4480X_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2004 Oct 25
10
NXP Semiconductors
Product data sheet
80 V, 4 A
NPN low VCEsat (BISS) transistor
PBSS4480X
Reference mounting conditions
001aaa234
2.5 mm
5 mm
1.6 mm
0.5 mm
1 mm
3.96 mm
3 mm
2.5 mm
1 mm
40
mm
32 mm
Fig.14 FR4, standard footprint.
handbook, halfpage
MLE322
40 mm
32 mm
2.5 mm
10 mm
5 mm
1.6 mm
0.5 mm
1 mm
3.96 mm
10 mm
Fig.15 FR4, mounting pad for collector 1 cm2.
001aaa235
2.5 mm
5 mm
1.6 mm
0.5 mm
1 mm
3.96 mm
30 mm
20
mm
40
mm
32 mm
Fig.16 FR4, mounting pad for collector 6 cm2.


Similar Part No. - PBSS4480X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X Datasheet
115Kb / 13P
   80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
PBSS4480X PHILIPS-PBSS4480X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS4480X NEXPERIA-PBSS4480X Datasheet
449Kb / 14P
   80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
More results

Similar Description - PBSS4480X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4480X NEXPERIA-PBSS4480X Datasheet
449Kb / 14P
   80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X Datasheet
115Kb / 13P
   80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
logo
Nexperia B.V. All right...
PBSS4580PA NEXPERIA-PBSS4580PA Datasheet
290Kb / 16P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01 - 15 April 2010
PBSS304ND NEXPERIA-PBSS304ND Datasheet
280Kb / 17P
   80 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 December 2007
PBSS305NX NEXPERIA-PBSS305NX Datasheet
332Kb / 16P
   80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS305NX NXP-PBSS305NX Datasheet
219Kb / 15P
   80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS4580PA PHILIPS-PBSS4580PA Datasheet
177Kb / 15P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
PBSS305NZ NXP-PBSS305NZ Datasheet
194Kb / 14P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
logo
Nexperia B.V. All right...
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS4580PA PHILIPS-PBSS4580PA_15 Datasheet
177Kb / 15P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com