Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5901 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CPH5901
Description  N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5901 Datasheet(HTML) 5 Page - ON Semiconductor

  CPH5901 Datasheet HTML 1Page - ON Semiconductor CPH5901 Datasheet HTML 2Page - ON Semiconductor CPH5901 Datasheet HTML 3Page - ON Semiconductor CPH5901 Datasheet HTML 4Page - ON Semiconductor CPH5901 Datasheet HTML 5Page - ON Semiconductor CPH5901 Datasheet HTML 6Page - ON Semiconductor CPH5901 Datasheet HTML 7Page - ON Semiconductor CPH5901 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPH5901
No.8278-5/8
[TR]
f T -- IC
Collector Current, IC -- mA
[TR]
Cib -- VEB
Emitter-to-Base Voltage, VEB -- V
[TR]
Collector Current, IC -- mA
VCE(sat) -- IC
[TR]
Collector Current, IC -- mA
VBE(sat) -- IC
Ambient Temperature, Ta --
°C
PC -- Ta
[TR]
[TR]
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
3
100
2
5
7
3
2
5
7
1.0
10
52
7
3
2
100
57
3
2
3
1.0
10
2
3
2
5
5
7
1.0
10
57
5
7
3
2
ITR10344
ITR10345
VCE=6V
f=1MHz
0
400
300
200
50
100
350
250
150
20
060
40
80
100
140
120
160
IT09863
1.0
7
23
5
7
22
35
10
100
5
3
1.0
10
7
5
3
2
7
IC / IB=10
ITR10348
75
°C
Ta= --25
°C
25°C
3
10
2
3
2
5
7
1.0
5
7
1.0
10
57
57
3
2
100
57
3
2
ITR10346
f=1MHz
1.0
7
23
5
7
22
35
10
100
5
3
2
0.1
1.0
7
5
3
2
3
2
7
IC / IB=10
ITR10347
25
°C
Ta=75
°C
--25°
C
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)


Similar Part No. - CPH5901

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901F-TL-E SANYO-CPH5901F-TL-E Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901G-TL-E SANYO-CPH5901G-TL-E Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
More results

Similar Description - CPH5901

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5902 ONSEMI-CPH5902 Datasheet
437Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5
August, 2013
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
   JFET Transistor N-Channel
April, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com