Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5520-TL-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # CPH5520-TL-E
Description  Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5520-TL-E Datasheet(HTML) 6 Page - ON Semiconductor

  CPH5520-TL-E Datasheet HTML 1Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 2Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 3Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 4Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 5Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 6Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 7Page - ON Semiconductor CPH5520-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CPH5520
No. A0485-6/8
Embossed Taping Specification
CPH5520-TL-E


Similar Part No. - CPH5520-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5520 SANYO-CPH5520 Datasheet
63Kb / 5P
   High-Current Switching Applications
More results

Similar Description - CPH5520-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
   Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
   Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
   Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
   Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
logo
Unisonic Technologies
USS4350 UTC-USS4350 Datasheet
135Kb / 3P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
   Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com