Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5505 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CPH5505
Description  Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5505 Datasheet(HTML) 3 Page - ON Semiconductor

  CPH5505 Datasheet HTML 1Page - ON Semiconductor CPH5505 Datasheet HTML 2Page - ON Semiconductor CPH5505 Datasheet HTML 3Page - ON Semiconductor CPH5505 Datasheet HTML 4Page - ON Semiconductor CPH5505 Datasheet HTML 5Page - ON Semiconductor CPH5505 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPH5505
No.6479-3/6
IC -- VCE
Collector to Emitter Voltage, VCE -- V
Base to Emitter Voltage, VBE -- V
IC -- VBE
Collector Current, IC -- A
VCE(sat) -- IC
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
hFE -- IC
--4.0
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
0
--1.0
--1.2
--0.2
--0.4
--0.6
--0.8
VCE= --2V
IT01744
1000
7
5
3
2
100
10
7
5
3
2
--0.01
--0.1
23
5
7
--1.0
23
5
7
--10
23
5 7
Ta=75
°C
25
°C
--25
°C
Ta
=75
°C
--2
5°C
VCE= --2V
IT01745
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--200
--400
--600
--800
--1000
--20mA
--10mA
--8mA
--6mA
--4mA
--2mA
IB=0
IT01743
2
3
5
7
--0.01
2
3
5
7
--0.1
2
3
5
7
--1.0
--0.01
23
5 7 --0.1
23
5 7 --1.0
--10
23
5 7
IC / IB=20
IT01746
--40mA
25°
C
5
3
2
7
5
3
2
7
1000
100
10
57
23
5
7
23
2
3
--10
--100
--1000
VCE= --10V
IT01750
100
10
--1.0
23
5
7
2
3
5
--10
f=1MHz
2
2
3
5
7
IT01749
Ta= --25°C
25°C
75
°C
IC / IB=50
--10
7
5
3
2
7
5
3
2
7
5
3
2
--1.0
--0.1
--0.01
--0.01
2
3
5 7
2
3
57
2
3
57
--0.1
--1.0
--10
--25°
C
Ta=75
°C
IC / IB=50
IT01747
--10
7
5
3
--1.0
--0.1
7
5
3
2
2
--0.01
25 7
3
--0.1
25
7
32
5 7
3
--1.0
--10
IT01748
25°
C
Collector Current, IC -- mA
f T -- IC


Similar Part No. - CPH5505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5505 SANYO-CPH5505 Datasheet
41Kb / 4P
   DC/DC Converter Applications
More results

Similar Description - CPH5505

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
   Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com