Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4330PA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS4330PA
Description  30 V, 3 A NPN low VCEsat (BISS) transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4330PA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS4330PA_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 13Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 14Page - NXP Semiconductors PBSS4330PA_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NXP Semiconductors
PBSS4330PA
30 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4330PA
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 April 2015
11 / 16
11. Test information
006aaa003
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
Fig. 14. BISS transistor switching time definition
RC
R2
R1
DUT
mlb826
Vo
RB
(probe)
450 Ω
(probe)
450 Ω
oscilloscope
oscilloscope
VBB
VI
VCC
Fig. 15. Test circuit for switching times


Similar Part No. - PBSS4330PA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4330PAS NEXPERIA-PBSS4330PAS Datasheet
734Kb / 18P
   30 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4330PAS-Q NEXPERIA-PBSS4330PAS-Q Datasheet
294Kb / 15P
   30 V, 3 A NPN low VCEsat transistor
29 July 2022
logo
NXP Semiconductors
PBSS4330PAS PHILIPS-PBSS4330PAS_15 Datasheet
253Kb / 18P
   30 V, 3 A NPN low VCEsat (BISS) transistor
11 September 2014
More results

Similar Description - PBSS4330PA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4330X PHILIPS-PBSS4330X Datasheet
104Kb / 12P
   30 V, 3 A NPN low VCEsat (BISS) transistor
2004 Dec 06
PBSS4330PAS PHILIPS-PBSS4330PAS_15 Datasheet
253Kb / 18P
   30 V, 3 A NPN low VCEsat (BISS) transistor
11 September 2014
PBSS4330PA PHILIPS-PBSS4330PA Datasheet
165Kb / 15P
   30 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 01-19 April 2010
logo
Nexperia B.V. All right...
PBSS4330PAS NEXPERIA-PBSS4330PAS Datasheet
734Kb / 18P
   30 V, 3 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4330X PHILIPS-PBSS4330X_15 Datasheet
194Kb / 12P
   NPN low VCEsat (BISS) transistor 30 V, 3 A
2004 Dec 06
logo
Nexperia B.V. All right...
PBSS4330PA NEXPERIA-PBSS4330PA Datasheet
707Kb / 16P
   30 V, 3 A NPN low VCEsat (BISS) transistor
7 April 2015
logo
NXP Semiconductors
PBSS4130QA NXP-PBSS4130QA Datasheet
265Kb / 17P
   30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
PBSS303NZ NXP-PBSS303NZ Datasheet
172Kb / 14P
   30 V, 5.5 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS4130T NEXPERIA-PBSS4130T Datasheet
169Kb / 8P
   30 V, 1 A NPN low VCEsat (BISS) transistor
PBSS4032ND NEXPERIA-PBSS4032ND Datasheet
272Kb / 15P
   30 V, 3.5 A NPN low VCEsat (BISS) transistor
Rev. 01 - 30 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com