Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7215A-UR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT7215A-UR
Description  Ultra a Bright T-1쩐 LED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT7215A-UR Datasheet(HTML) 1 Page - Marktech Corporate

  MT7215A-UR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
347
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
Ultr
Ultr
Ultr
Ultr
Ultra Bright
a Bright
a Bright
a Bright
a Bright T-1¾ LED Lamps
T-1¾ LED Lamps
T-1¾ LED Lamps
T-1¾ LED Lamps
T-1¾ LED Lamps
• Excellent on/off contrasts
• Low drive current
• High intensity light emission
• Choice of lens color
• Can be packaged on tape in a reel or
in a box
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
ANODE
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT7115A-UR
30
4.0
70
-25~+85
-25~+100
MT7215A-UR
30
4.0
70
-25~+85
-25~+100
MT7315A-UR
30
4.0
70
-25~+85
-25~+100
MT7415A-UR
30
4.0
70
-25~+85
-25~+100
MT7115B-UR
30
4.0
70
-25~+85
-25~+100
MT7215B-UR
30
4.0
70
-25~+85
-25~+100
MT7315B-UR
30
4.0
70
-25~+85
-25~+100
MT7415B-UR
30
4.0
70
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT7115A-UR
GaAlAs/GaAs
Red Diff
40°
100
165
20
1.9
2.5
20
100
4
660
MT7215A-UR
GaAlAs/GaAs
White Diff
40°
100
165
20
1.9
2.5
20
100
4
660
MT7315A-UR
GaAlAs/GaAs
Water Clear
24°
290
490
20
1.9
2.5
20
100
4
660
MT7415A-UR
GaAlAs/GaAs
Red Clear
24°
290
490
20
1.9
2.5
20
100
4
660
MT7115B-UR
GaAlAs
Red Diff
40°
175
290
20
1.9
2.5
20
100
4
660
MT7215B-UR
GaAlAs
White Diff
40°
175
290
20
1.9
2.5
20
100
4
660
MT7315B-UR
GaAlAs
Water Clear
24°
700
1150
20
1.9
2.5
20
100
4
660
MT7415B-UR
GaAlAs
Red Clear
24°
700
1150
20
1.9
2.5
20
100
4
660


Similar Part No. - MT7215A-UR

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
   400V Step-down high brightness LED driver
MT7212 MAXIC-MT7212 Datasheet
144Kb / 1P
   Step-down constant current LED driver with internal MOS switch
logo
Marktech Corporate
MT7218-UR MARKTECH-MT7218-UR Datasheet
35Kb / 1P
   Marktech 5mm 12 AND 36 Ultra Bright LEDs
MT7218A-UR MARKTECH-MT7218A-UR Datasheet
35Kb / 1P
   Marktech 5mm 12 AND 36 Ultra Bright LEDs
More results

Similar Description - MT7215A-UR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
Marktech Corporate
MT810-CUR MARKTECH-MT810-CUR Datasheet
32Kb / 1P
   T-1 ULTRA BRIGHT LED LAMPS
MT600-CUR MARKTECH-MT600-CUR Datasheet
31Kb / 1P
   T-1 TAPERED ULTRA BRIGHT LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com