Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-7562-B1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-7562-B1
Description  Intel짰 Atom??Processor N455 COM Express짰 Mini Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-7562-B1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-7562-B1_15 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-7562-B1_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Atom™ Processor N455
COM Express® Mini Module
SOM-7562 B1
ƒ Embedded Intel® Atom™ Processor N455 1.66 GHz + ICH8M
ƒ Intel® Gen 3.5 DX9, MPEG2 hardware decoder, supports 18-bit LVDS, VGA
ƒ Supports 1 GB on-board memory and 1/2 GB on-board Flash
ƒ Supports 5 PCIe x1, LPC, 3 SATAII, 8 USB 2.0, GbE
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM Express Mini Module, Type I Pin-out
Processor System
CPU
Intel Atom Processor N455 1.66 GHz
L2 Cache
512 KB
System Chipset
ICH8M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR3 667 MHz memory only
Max. Capacity
Onboard 1GB
Socket
-
Flash
Capacity
1 GB/ 2 GB Flash onboard
Display
Chipset
Embedded Gen3.5+ GFX Core
Graphics Engine
Intel Gen 3.5 DX9, MPEG2 hardware decoder
LVDS
18-bit single channel LVDS
VGA
Supports max. 1400 x 1050 @ 60 Hz
DVI
-
TV Out
-
SDVO
-
Dual Display
CRT + LVDS
Ethernet
Chipset
Intel 82567V Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
256 level timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system
reset
Expansion
LPC, 5 PCIe x1 (1 PCIe x4 or 1 PCIe x2 option)
I/O
PATA
-
SATA
3 x SATAII (300 MB/s)
USB
8 x USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
12 V (5 VSB needed for ATX power mode), wide range voltage supported on a per project basis
Power Consumption
(Typical)
+12 V @ 0.68 A
Power Consumption
(Max, test in HCT)
+12 V @ 0.86 A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
84 x 55 mm (3.3" x 2.17")
Backlight On/Off
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - SOM-7562-B1_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7562 ADVANTECH-SOM-7562 Datasheet
894Kb / 2P
   Intel짰 Atom N450 COM-Ultra CPU Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1_14 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
SOM-7562F1-S6A1E ADVANTECH-SOM-7562F1-S6A1E Datasheet
894Kb / 2P
   Intel짰 Atom N450 COM-Ultra CPU Module
More results

Similar Description - SOM-7562-B1_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763D-S8B1E ADVANTECH-SOM-6763D-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
SOM-7567 ADVANTECH-SOM-7567_15 Datasheet
739Kb / 2P
   Intel짰 Atom??Celeron짰 Processor COM Express짰 Mini Module
SOM-7567 ADVANTECH-SOM-7567_V01 Datasheet
948Kb / 2P
   Intel짰 Atom??Celeron짰 Processor COM Express짰 Mini Module
29-Jul-2020
SOM-7565-A2 ADVANTECH-SOM-7565-A2_15 Datasheet
804Kb / 2P
   Intel짰 Atom??Processor N2600/N2800 COM Express짰 Mini Module
SOM-6763B1 ADVANTECH-SOM-6763B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
SOM-7562B1 ADVANTECH-SOM-7562B1_14 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com