Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-4466LZ2-M0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-4466LZ2-M0A1E
Description  AMD G-Series Processor T16R ETX CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4466LZ2-M0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-4466LZ2-M0A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4466LZ2-M0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
AMD G-Series Processor
T16R ETX CPU Module
SOM-4466
ƒ AMD G-Series Processor + FCH A55E
ƒ Supports DX11, OGL3.2, and H.264/AVC, VC-1 HW Acceleration
ƒ Supports DDR3-1066 up to 4GB
ƒ Supports PCI, ISA, SMBus, I2C
ƒ Supports 10/100 LAN, SATA, mSATA Socket, IDE, USB2.0
Specifications
Compliance
Pin Define
ETX V3.02
Form Factor
ETX Module 114 x 95 mm (3.74" x 4.5")
Processor System
CPU Frequency/Core/L2 Cache
AMD T16R 615 MHz/Single Core/512 KB
Chipset
AMD A55E
BIOS
AMI 32 Mbit, SPI
Memory
Technology
DDR3-1066 MHz non-ECC unbuffered
Capacity
1 SODIMM up to 4 GB
Display
Graphic Engine
AMD Radeon HD6250
Graphic Memory
Share with system memory up to 512MB
Capacity
Support DX11, OGL3.2, OCL1.1 and HW acceleration for H.264/AVC, VC-1, MPEG2
VGA
Resolution up to 1920 x 1200 @ 30 bpp
LCD
TTL Version: 18-bit up to 800 x 600
LVDS Version: 24-bit up to 1024 x 768
Dual Display
VGA + LCD
Expansion I/F
PCI
PCI V2.3, up to 4 masters
ISA
Support Memory and I/O decode
Serial Bus
SMBus
Yes
I2C Bus
Yes
I/O
Ethernet
Realtek RTL8105E 10/100 LAN
SATA
2 Port on ETX Module , SATA Gen3 600 MB/s compliant. Support IDE/AHCI Mode, RAID 0, 1
mSATA socket
1 Half-Size mSATA socket on ETX Module, SATA Gen 3 600 MB/s compliant
IDE
2 Channels, each channel support up to 1 IDE device. ATA/ATAPI-7 (UDMA133) compliant
USB2.0
4 Ports
Audio
Realtek ALC262. Support Line-in(L/R), Line-out(L/R), MIC
COM Port
2 Ports
LPT/Floppy
1 Port shared
Keyboard & Mouse
1 Keyboard and 1 Mouse
GPIO/GPE
1 GPIO, 2 GPE
Watchdog Timer
256 level timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system
reset
Power
Type
ATX, AT
Supply Voltage
ATX: +5 V and +5 VSB, AT: +5 V
Power Consumption (Idle)
+5 V @ 1.22 A
Power Consumption (Max.)
+5 V @ 1.55 A
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F)
Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Backlight On/Off
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Brightness
Software APIs:
All product specifications are subject to change without notice
Last updated : 15-Jul-2015


Similar Part No. - SOM-4466LZ2-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4466LZ2-M0A1E ADVANTECH-SOM-4466LZ2-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466LZ2-M0A1E ADVANTECH-SOM-4466LZ2-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466LZ2-M0A1E ADVANTECH-SOM-4466LZ2-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466LZ2-M0A1E ADVANTECH-SOM-4466LZ2-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466LZ2-M0A1E ADVANTECH-SOM-4466LZ2-M0A1E Datasheet
856Kb / 2P
   AMD G-Series Processor ETX CPU Module
16-Jul-2019
More results

Similar Description - SOM-4466LZ2-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4466 ADVANTECH-SOM-4466_16 Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466L-S6A1E ADVANTECH-SOM-4466L-S6A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466LZ-M0A1E ADVANTECH-SOM-4466LZ-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466 Datasheet
1Mb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466_13 Datasheet
585Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466L-M0A1E ADVANTECH-SOM-4466L-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466_V01 Datasheet
856Kb / 2P
   AMD G-Series Processor ETX CPU Module
16-Jul-2019
logo
List of Unclassifed Man...
EMETX-A55E0 ETC2-EMETX-A55E0 Datasheet
354Kb / 3P
   AMD Fusion G-T56N, G-T40N ETX CPU Module
logo
AAEON Technology
ETX-701 AAEON-ETX-701 Datasheet
249Kb / 2P
   ETX CPU Module with AMD Geode LX Series Processor
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com