Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9362NZ-1GS6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9362NZ-1GS6A1E
Description  Intel짰 Atom??N450/D510 3.5" SBC, LVDS, VGA,2 GbE, Mini PCIe, CF, MIO-160 Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9362NZ-1GS6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9362NZ-1GS6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9362NZ-1GS6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
Features
PCM-9362 Intel®Atom™N450/D5103.5"SBC,LVDS,VGA,
2 GbE, Mini PCIe, CF, MIO-160 Expansion
ƒ Embedded Intel® Atom™ processor N450 Single Core/ D510 Dual Core 1.66
GHz + ICH8M
ƒ Intel Gen 3.5 DX9, MPEG2 Decode in HW, multiple display: VGA, 18-bit LVDS
ƒ Supports 12 V input power for PCM-9362N/D, 5V input power for
PCM-9362NC/NCF, supports extended temperature -40° C ~ 85° C
ƒ Supports 2 Intel Giga Ethernet ports; Rich I/O interfaces with 4 COM, 2 SATA,
6 USB and GPIO
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Atom Processor, N450 Single Core 1.66 GHz
Intel Atom Processor, D510 Dual Core 1.66 GHz
Frequency
1.66 GHz
L2 Cache
512 KB/1 MB
System Chipset
Intel N450/D510 + ICH8M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR2 667 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
Display
Chipset
Intel Atom N450/D510 1.66 GHz
VRAM
Optimized Shared Memory Architecture up to 224 MB system memory
Graphics Engine
Intel Gen 3.5 DX9, MPEG2 Decode in HW, Embedded Gen3.5+ GFX Core
LVDS
LVDS: Single channel 18-bit LVDS up to WXGA 1366 x 768
VGA
Intel Atom N450 Single Core up to 1400 x 1050 (SXGA)
Intel Atom D510 Dual Core up to 2048 x 1536
Dual Display
VGA+LVDS
Ethernet
Speed
10/100/1000 Mbps (Supports Wake on LAN)
Controller
GbE1 Intel 82567V, GbE2 Intel 82583V
Connector
RJ-45 on GbE1, GbE2
Audio
Chipset
Realtek ALC886, High Definition Audio(HD),Line-in, Line out, Mic-in
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
CompactFlash
CompactFlash type I/II (Primary Master IDE Channel)
SATA
2 x SATA II (Max. Data Transfer Rate 300 MB/s)
Rear I/O
Serial
1 (COM1 supports RS-232) (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
Ethernet
2 (10/100/1000 Mbps)
VGA
1
USB
2
Internal I/O
USB
4 x USB 2.0 ports
Serial
3 x COM ports (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
COM3/COM4 supports RS-232
COM2 supports RS-232/422/485 (Supports RS-485 auto flow control)
Parallel (LPT)
1
PS/2 KB/Mouse
1
GPIO
8-bit GPIO
SMBus
1
Expansion
Mini PCIe
1 (Full-size)
MIO-160
1 (Supported on PCM-9362NF/NCF/DF) (SMBus, USB2.0x1, LPC, PCI, 3 x PCIex1, 5V/12V power)
Power
Power Type
AT/ATX (ATX only support on NC/NCF sku)
Power Supply Voltage
For NC/NCF sku
AT: 5V±5% (12V is optional for LCD inverter and add-on card)
ATX: 5V±5%, 5 Vsb±5% (12V is optional for LCD inverter and add on card)
For D/N/DF/NF sku
AT: 12V±10% (No support ATX power supply)
Power Consumption (Typical)
PCM-9362N: 0.87 A @ 12 V (10.44 W)
PCM-9362NC/NCF: 2.31 A @ 5 V (11.55 W)
PCM-9362D: 1.14 A @ 12 V (13.68 W)
Power Consumption (Max, test in HCT)
PCM-9362N: 1.01 A @ 12 V (12.12 W)
PCM-9362NC/NCF: 2.36 A @ 5 V (11.8 W)
PCM-9362D: 1.43 A @ 12 V (17.16 W)
Power Management
APM, ACPI
Battery
Lithium 3 V/210 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operating humidity: 40° C @ 95% RH non-condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4")
Weight
0.64 kg (1.41 lb), weight of total package
Total Height
30.5mm for PCM-9362N/NC/NCF/NZ/NZ2
34.5mm for PCM-9362D/DF
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
BIOS flash
SMBus CPU Speed System
Throttling
SATA
Audio
5V power
(PCM-9362NC)
LVDS
VGA
COM1
USB
GbE
GPIO
COM3/COM4
MIO expansion
(option)
PS2
SMBUS
USB
LPT
COM2
12V power
(PCM-9362N/D)
VxWorks
®
Software APIs:
Utilities:
All product specifications are subject to change without notice
Last updated : 23-Apr-2015


Similar Part No. - PCM-9362NZ-1GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9362NZ-1GS6A1E ADVANTECH-PCM-9362NZ-1GS6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N450/ D510 3.5" SBC, LVDS, VGA, 2 GbE, Mini PCIe, 4 COM , MIO-160 Expansion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com