Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9365N-4GS8A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9365N-4GS8A1E
Description  Intel짰 Atom??E3825 & Celeron짰 N2930,3.5" SBC, 2GB/4GB On-board Memory,VGA, 48-bit LVDS, 2GbE, Mini PCIe,PCI-104, iManager
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9365N-4GS8A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9365N-4GS8A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9365N-4GS8A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCM-9365
Ordering Information
Part No.
CPU
Onboard
Memory
LVDS
VGA GbE Audio RS-232/422/485 RS-232 USB
3.0
USB
2.0
SATAII
Mini PCIe
mSATA
PCI-104 Power
connector
Thermal
Solution*
Operating
Temp.
PCM-9365E-2GS3A1E
Intel E3825
1.33GHz 6W
2GB
48-bit
Yes
2
Yes
1
3
1
5
1
Full-size
Full-size
Yes
2x2pin
Passive
0 ~ 60° C
PCM-9365EV-4GS3A1E
Intel E3825
1.33GHz 6W
4GB
48-bit
Yes
2
Yes
1
3
1
5
1
Full-size
Full-size
Yes
2x2pin
Passive
0 ~ 60° C
PCM-9365N-4GS8A1E
Intel N2930
1.83GHz 7.5W 4GB
48-bit
Yes
2
Yes
1
3
1
5
1
Full-size
Full-size
Yes
2x2pin
Passive
0 ~ 60° C
PCM-9365EZ22GS3A1E
Intel E3825
1.33GHz 6W
2GB
48-bit
Yes
2
Yes
1
3
1
5
1
Full-size
Full-size
Yes
2x2pin
Passive
-40~85° C
PCM-9365NZ24GS8A1E
Intel N2930
1.83GHz 7.5W 4GB
48-bit
Yes
2
Yes
1
3
1
5
1
Full-size
Full-size
Yes
2x2pin
Passive
-40~85° C
Note: Passive=fanless; Active=with fan
Packing List
Part No.
Description
Quantity
PCM-9365 SBC
1
Startup Manual
1
1701200220
RS-232 COM3/4 cable, F Cable 2*10P-2.0/D-SUB 9P(M)*2
22CM
1
1700018785
SATA 35cm power cable
1
1700019414
RS-232 COM2 Cable D-SUB 9P(M)/2*5P-2.0 30cm
1
1700018730
USB Cable 2*5P-2.0/USB-A(F)*2 25CM F/9
2
1700008941
M Cable SATA 7P/SATA 7P 32CM C=R 180/180D W/Lock
1
1700019584
Audio Cable 2*5P-2.0/JACK*3 20cm
1
9689000002
mini Jumper pack
1
1960067897T001
Heatsink for PCM-9365 (131.24 x 69.21 x 19.5 mm)
1
1960067897T011
Heatsink for PCM-9365Z&Z2 series only
(131.24 x 69.21 x 19.5 mm)
1
Optional Accessories
Part No.
Description
1960070254T001
Heat spreader
1653130421
PCI-104 connector 120-pin (Long pin)
Embedded OS/API
Embedded OS/API
Part No.
Description
WES8
TBD
WES7
2070013531
WES7E PCM-9365 X64 V5.6.8 Eng
WEC7
TBD
Linux
Kernel 3.x
VxWorks
6.9.3.3
Android
Kit Kat 4.4
Software API
iManager (SUSI 4.0)
Rear I/O View
Note1: Supported by request
Intel
N2930 / E3825
ITE 8768
8-bit GPIO
DP
4GB/ 2GB DDR3L
on-board memory
Full size
Mini PCIe
Line-in/out
Mic-in
USB2.0/USB3.0
HD Audio
1 x USB3.0
ALC888S-VD2-GR
EC
EC
Transmittor
2 x USB2.0
USB HUB
USB2514B
RTL8111E-VL-CG
SMBus/ I2C
Bridge IT8892
PCIex1
PCIex1
PCI
PCI-104
LVDS
VGA
1 x SATAII
SATA
SATAII 300MB/s
Full Size
mSATA
RJ45
RTL8111E-VL-CG
PCIex1
RJ45
48-bit LVDS
DP
Transmittor
LVDS
48-bit LVDS
ITE 8528
USB2.0
1 x USB2.0
DP
2 x USB2.0
HDMI
VGA
COM 2/3/4: RS-232
COM1: RS-232/422/485
USB HUB
USB2514B
USB2.0
USB2.0
PCIex1
USB2.0
USB2.0
(note1)


Similar Part No. - PCM-9365N-4GS8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9361 ADVANTECH-PCM-9361 Datasheet
1Mb / 3P
   3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCM-9361EG-S6A1E ADVANTECH-PCM-9361EG-S6A1E Datasheet
1Mb / 3P
   3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCM-9361EG-S6A1E ADVANTECH-PCM-9361EG-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
PCM-9361EVG-S6A1E ADVANTECH-PCM-9361EVG-S6A1E Datasheet
1Mb / 3P
   3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
PCM-9361EVG-S6A1E ADVANTECH-PCM-9361EVG-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com