Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-3356-A2 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-3356-A2
Description  AMD T16R,T40E, PC/104 SBC, VGA,LVDS, LAN, USB, COM, SATA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3356-A2 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-3356-A2 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3356-A2 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCM-3356
Ordering Information
Part Number
CPU
Chipset Memory
VGA
LVDS mSATA
PC/104 GbE USB
2.0
RS-232/
422/485
Audio
Expansion
Thermal
Solution
Operating
Temp
PCM-3356F-S0A2E
T40E
A55E
SO-DIMM
1
18-bit 1
Yes
2
4
3
Yes
PC/104
Passive
0 ~ 60° C
PCM-3356F-1GM0A2E
T16R
A55E
1GB DDR3L
on board
1
18-bit 1
Yes
2
4
3
Yes
PC/104
Passive
0 ~ 60° C
PCM-3356F-M0A2E
T16R
A55E
SO-DIMM
1
18-bit 1
Yes
2
4
3
Yes
PC/104
Passive
0 ~ 60° C
PCM-3356Z2-2GM0A2E
T16R
A55E
2GB Bundle
1
18-bit 1
Yes
2
4
3
Yes
PC/104
Passive
-40 ~ 85° C
PCM-3356FZ21GOBA2E
T16R
A55E
1GB DDR3L
on board
1
18-bit 1
Yes
2
4
3
Yes
PC/104
Passive
-40 ~ 85° C
* Extended temperature SKU did not support 3D function
Packing List
Part No.
Description
Quantity
PCM-3356 SBC
Startup Manual
1700018799
M Cable SATA 7P/SATA 7P 90/180 25cm
1
1700000898
VGA cable D-SUB 15P(F)/12P-1.25MM 14CM x1
1
1703100121
2*5P-2.0/USB-A(F)*2 12CM x2
2
1701200220
COM RS-232 Cable 2*10P-2.0/D-SUB 9P(M)*1
22CM x1
1
1700019414
COM RS-422/485 Cable 2*5P-2.0/D-SUB 30CM x1 1
1700003491
ATX/AT power cable 1*8P-2.0/B4P-5.08*2 15cm x1 1
1700018259
SATA power cable for 5V connector,
1*5P-3.81/1*2P-2.0 20CM C=R,B
1
1700020638-01
Audio cable 1*3P-2.0/Phone JACK 20cm x1
1
1700017863
LAN cable RJ45/2*5P-2.0 15cm x2
2
1960058627T001 Heatsink for PCM-3356 (105 x 77.97 x 19.5 mm)
for T40E/extend temperature SKU
1
9689000002
mini jumper pack (black) x1
1
9660104000
PC/104 screw and copper post package x1
1
1960069974T001 Heat sink A-T16R M-10.4W 105*78*10-SC
PCM-3356A2 for T16R
1
Optional Accessories
Part No.
Description
165313222B
PC/104 connector 64-pin (Long pin)
165312022B
PC/104 connector 40-pin (Long pin)
1703150102
SATA Power cable B4P-5.08/SATA 15P 10cm x1
Embedded OS/API
Embedded OS/API
Part No.
Description
WES7
2070012057
image WES7E PCM-3356 V5.1.5
Win XPE
2070012056
image WES2009 PCM-3356 V4.4
24MUI; SA
WinCE 6.0
WinCE 6.0
WinCE 7.0
2070012240
image WEC7 PCM-3356 V1.0 Eng
Linux
Ubuntu 12.04
Software API
SUSI V3.0
AMD G-Series
T16R/T40E
VGA Connector
DDR3L 1066 SODIMM/
On-Board Memory 1G
18-bit LVDS
Connector
A55E
Super I/O
SCH3114
VGA
1 SATA Port
Half size Mini PCIe
600 MB/s
4 USB 2.0 Ports
USB 2.0
ALC892
Line Out
HD Audio
SMBus Interface
SMBus/I2C
8-bit GPIO
Single Channel
Gigabit Ethernet:
Realtek 8111E
PCIe x 1
Gigabit Ethernet:
Realtek 8111E
PCIe x 1
Half size mSATA
SATA, USB
PCIe x 1, USB
BIOS
SPI
3 RS-232/422/485
PCI-ISA bridge
PCI Bus
PC/104
ISA
18-bit LVDS


Similar Part No. - PCM-3356-A2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3356 ADVANTECH-PCM-3356 Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3356F-1GM0A2E ADVANTECH-PCM-3356F-1GM0A2E Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3356F-M0A2E ADVANTECH-PCM-3356F-M0A2E Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3356F-S0A2E ADVANTECH-PCM-3356F-S0A2E Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3356FZ21GOBA2E ADVANTECH-PCM-3356FZ21GOBA2E Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
More results

Similar Description - PCM-3356-A2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3356 ADVANTECH-PCM-3356 Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3353 ADVANTECH-PCM-3353_15 Datasheet
738Kb / 2P
   AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
PCA-6763VG-00A1E ADVANTECH-PCA-6763VG-00A1E Datasheet
508Kb / 2P
   AMD T40E/T16R ISA Half-size SBC with Dual Independent Display/Dual GbE/ SATA/USB/m-SATA/COM/LPT
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCA-6763 ADVANTECH-PCA-6763 Datasheet
497Kb / 2P
   AMD T40E/T16R ISA Half-size SBC with Dual Independent Display/Dual GbE/ SATA/USB/m-SATA/COM/LPT
4-Oct-2021
PCM-4373 ADVANTECH-PCM-4373_12 Datasheet
1Mb / 2P
   AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
PCM-3362 ADVANTECH-PCM-3362 Datasheet
765Kb / 2P
   Intel짰 Atom N450 PC/104-Plus SBC, CRT, LVDS, LAN, USB, COM, SATA, On-board Flash
20-Jan-2010
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCM-9375 ADVANTECH-PCM-9375_12 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
PCM-9582 ADVANTECH-PCM-9582 Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com