Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIO-5251EW-S9A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIO-5251EW-S9A1E
Description  Intel짰 Celeron J1900 & Atom E3825/E3845,3.5" MI/O-Compact SBC, DDR3L, VGA,HDMI/DP, 48-bit LVDS/eDP, 2GbE, Mini PCIe,mSATA/SD card, iManager, MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-5251EW-S9A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIO-5251EW-S9A1E Datasheet HTML 1Page - Advantech Co., Ltd. MIO-5251EW-S9A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
MIO-5251
Intel® Celeron J1900 & Atom E3825/E3845,
3.5" MI/O-Compact SBC, DDR3L, VGA,
HDMI/DP, 48-bit LVDS/eDP, 2GbE, Mini PCIe,
mSATA/SD card, iManager, MIOe
ƒ Intel® Celeron J1900 & Atom E3825/E3845, DDR3L-1066/1333MHz
SODIMM up to 8GB
ƒ DirectX11, OpenGL3.2, OpenCL1.2, multi-display: VGA+LVDS/eDP+ HDMI/
DP*
ƒ Flexible design using integrated multiple I/O: MIOe to approach vertical
applications & keep domain knowhow
ƒ 2 Intel i210 GbE, rich I/O: 4COM, SATA, USB3.0, SMBus/I2C, GPIO full-size
Mini PCIe w/ SIM holder, full-size mSATA or SD card
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Celeron J1900
Intel Atom E3845
Intel Atom E3825
Base Frequency
2 GHz (Quad-Core)
1.91GHz (Quad-Core)
1.33 GHz (Dual-Core)
Burst Frequency
2.42 GHz
-
-
L2 Cache
2MB
2MB
1MB
BIOS
AMI UEFI BIOS at 64 Mb
Memory
Technology
DDR3L 1333 MHz
DDR3L 1333MHz
DDR3L 1066 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SODIMM
Display
Controller
Intel Gen7 graphic engine
Graphic Features
DirectX11, OpenGL3.2, OpenCL1.2
HW Decode: H.264, MPEG2, MVC, VC-1, WMV9, MJPEG and VP8. HW Encode: H.264 (MPEG2 and MVC only for J1900)
VGA
2560 x 1600 at 60Hz
LVDS
48-bit LVDS up to WUXGA 1920 x 1200 at 60Hz
Supports 3.3/5/12V for VDD power, 5/12V for inverter
eDP*
up to 2560 x 1600 at 60Hz
HDMI / DisplayPort*
HDMI 1.4a for HD video playback, 1080P at 60Hz
Displayport*, up to 2560 x 1600 at 60Hz
Mulit-Display
VGA + HDMI/Displayport*, VGA+ LVDS/eDP*, HDMI/Displayport* +LVDS/eDP
Ethernet
Speed
10/100/1000Mbps
Controller
Intel i210
Connector
2 RJ45
Audio
Codec
Realtek ALC888S, High Definition Audio (HD), Line-in, Line out, Mic-in
Amplifier*
Optional via MIOe
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
SATA
1, up to 3Gb/s (300 MB/s)
mSATA
1 x Full-size
SD slot*
1 (Shared with mSATA)
Rear I/O
Ethernet
2 (10/100/1000Mbps)
VGA
1
HDMI / DisplayPort*
1
USB 2.0
3
USB 3.0
1
LED
Power, HDD
DC Jack*
1
Internal I/O
Serial
2 x RS-232 from COM1/2, 2 x RS-232/422/485 from COM3/4 with auto flow control (ESD protection: air gap ±15kV, contact ±8kV)
USB2.0
1
I2C
1 (Shared with SMBus pin)
SMBus
1
GPIO
8-bit (5V tolerance)
Expansion
Mini PCIe
1 x Full-size with SIM holder
MIOe
SMBus, 3 x USB2.0, LPC, 1 x PCIe x1, line out, DisplayPort*, +5 Vsb/+12 Vsb power, Power On, Rest
Power
Power Type
Single 12V DC power input
Power Supply Voltage
12V ± 10%
Power Consumption (Typical)
MIO-5251J-U0A1E: 0.62A @12V (7.44W)
MIO-5251EW-S9A1E: 0.51A @12V (6.12W)
MIO-5251E-S3A1E: 0.39A @12V (4.68W)
Power Consumption (Max, test in HCT)
MIO-5251J-U0A1E: 1.16A @12V (13.92W)
MIO-5251EW-S9A1E: 0.92A @12V (11.04W)
MIO-5251E-S3A1E: 0.78A @12V (9.36W)
Power Management
ACPI
Battery
Lithium 3 V / 210 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 95% RH Non-Condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4"), same as 3.5"
Weight
0.5kg (1.1lb), weight of total package
Height
Top Side: 19 mm; Bottom Side: 6.8 mm; PCB: 1.6 mm
* The specification is supported by request
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
SMBus/
I2C
CPU Speed System
Throttling
Software APIs:
Utilities:
NEW
SATA
SATA Power
Reset
J2
Switch
SMBus
FAN
Power
GPIO
Inverter
GbE
LVDS
J5
USB 3.0
USB 2.0
VGA
HDMI/DP
USB 2.0
SODIMM
SW2
USB2.0
All product specifications are subject to change without notice
Last updated : 21-Jul-2015


Similar Part No. - MIO-5251EW-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-5251EW-S9A1E ADVANTECH-MIO-5251EW-S9A1E Datasheet
1Mb / 2P
   Intel짰 Celeron J1900 & Atom??E3825/ E3845, 3.5
13-Oct-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com