Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50A02SS-TL-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # 50A02SS-TL-E
Description  Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

50A02SS-TL-E Datasheet(HTML) 6 Page - ON Semiconductor

  50A02SS-TL-E Datasheet HTML 1Page - ON Semiconductor 50A02SS-TL-E Datasheet HTML 2Page - ON Semiconductor 50A02SS-TL-E Datasheet HTML 3Page - ON Semiconductor 50A02SS-TL-E Datasheet HTML 4Page - ON Semiconductor 50A02SS-TL-E Datasheet HTML 5Page - ON Semiconductor 50A02SS-TL-E Datasheet HTML 6Page - ON Semiconductor 50A02SS-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
50A02SS
No.7491-6/7
Outline Drawing
Land Pattern Example
50A02SS-TL-E
Mass (g) Unit
0.0018
* For reference mm
Unit: mm
0.5
0.45
0.45
0.45 0.45


Similar Part No. - 50A02SS-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
50A02SS SANYO-50A02SS Datasheet
34Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 50A02SS-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
50C02SS ONSEMI-50C02SS Datasheet
515Kb / 7P
   Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP
August, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
2SA2127 ONSEMI-2SA2127 Datasheet
462Kb / 9P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com