Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130150-0198 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130150-0198
Description  60 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130150-0198 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130150-0198 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130150-0198
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
60 Amp Safeway® Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Wiring Devices
Series
130150
Comments
IEC Configuration 309-1/309-2
IP Rating
IP44
NEMA Configuration
N/A
Overview
Heavy-Duty Industrial Wiring Devices
Product Name
Safeway®
Receptacle Type
N/A
Specialty
Pin and Sleeve
Type
Plug
UPC
78678872486
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
No
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
60.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
460P12
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130150Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130150-0198

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0190 MOLEX11-130150-0190 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0191 MOLEX11-130150-0191 Datasheet
47Kb / 1P
   60 Amp Safeway Pin and Sleeve Connector with Flip Lid
130150-0192 MOLEX11-130150-0192 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0196 MOLEX11-130150-0196 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Mechanical Interlock with Flip Lid, 3 Pole/4 Wire, 3 480V, Red
130150-0199 MOLEX11-130150-0199 Datasheet
42Kb / 1P
   60 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
More results

Similar Description - 130150-0198

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301500198 MOLEX11-1301500198 Datasheet
51Kb / 1P
   60 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0167 MOLEX11-130150-0167 Datasheet
59Kb / 1P
   30 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0135 MOLEX11-130150-0135 Datasheet
59Kb / 1P
   20 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
1301500167 MOLEX11-1301500167 Datasheet
51Kb / 1P
   30 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0199 MOLEX11-130150-0199 Datasheet
42Kb / 1P
   60 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
1301500199 MOLEX11-1301500199 Datasheet
34Kb / 1P
   60 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
1301500204 MOLEX11-1301500204 Datasheet
51Kb / 1P
   60 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 3 250V, Blue
130150-0112 MOLEX11-130150-0112 Datasheet
42Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0136 MOLEX11-130150-0136 Datasheet
42Kb / 1P
   20 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
1301500112 MOLEX11-1301500112 Datasheet
34Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com