Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130146-0145 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130146-0145
Description  Watertite Receptacle Single Flip Coverplate with Locking Blade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130146-0145 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130146-0145 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/28/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130146-0145
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Receptacle Single Flip Coverplate with Locking Blade, 3 Pole/3 Wire, Non-
NEMA 15A/125V, 10A/250V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130146
IP Rating
IP67
NEMA Configuration
Non-NEMA Locking
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678871580
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
Yes
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
3-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
10.0A, 15.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V / 250V
Material Info
Old Part Number
65W07
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130146Series
This document was generated on 04/28/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130146-0145

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0140 MOLEX11-130146-0140 Datasheet
47Kb / 1P
   Watertite Male Receptacle Single Flip Coverplate with Locking Blade, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130146-0141 MOLEX11-130146-0141 Datasheet
44Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
130146-0143 MOLEX11-130146-0143 Datasheet
44Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
130146-0144 MOLEX11-130146-0144 Datasheet
50Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplates with Locking Blade
130146-0146 MOLEX11-130146-0146 Datasheet
49Kb / 1P
   Watertite Receptacle Duplex Flip Coverplate with Locking Blade, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
More results

Similar Description - 130146-0145

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301470167 MOLEX11-1301470167 Datasheet
37Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
130147-0144 MOLEX11-130147-0144 Datasheet
45Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
1301470175 MOLEX11-1301470175 Datasheet
41Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
1301470177 MOLEX11-1301470177 Datasheet
42Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
130147-0137 MOLEX11-130147-0137 Datasheet
45Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
130147-0147 MOLEX11-130147-0147 Datasheet
48Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
130147-0151 MOLEX11-130147-0151 Datasheet
40Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
130147-0167 MOLEX11-130147-0167 Datasheet
45Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
1301470176 MOLEX11-1301470176 Datasheet
41Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate,
130147-0140 MOLEX11-130147-0140 Datasheet
45Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com