Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT305-SLG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT305-SLG
Description  Marktech Low Current 5mm LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT305-SLG Datasheet(HTML) 1 Page - Marktech Corporate

  MT305-SLG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
365
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
Lo
Lo
Lo
Lo
Low Cur
w Cur
w Cur
w Cur
w Currrrrrent LED Lamps
ent LED Lamps
ent LED Lamps
ent LED Lamps
ent LED Lamps
• Optimized for low D.C. current
operation
• CMOS and TTL compatible
• Excellent brightness at 2mA
• Color diffused package
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MT305
MT4093
ANODE
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT4093-HR(2mA)
30
5.0
105
-40~+85
-40~+85
MT4093-G(2mA)
25
5.0
105
-40~+85
-40~+85
MT4093-Y(2mA)
30
5.0
105
-40~+85
-40~+85
MT4093-UR(2mA)
30
5.0
100
-40~+85
-40~+85
MT305-SLHR(2mA)
30
5.0
105
-40~+85
-40~+85
MT305-SLG(2mA)
30
5.0
105
-40~+85
-40~+85
MT305-SLY(2mA)
30
5.0
105
-40~+85
-40~+85
MT305-SLUR(2mA)
30
5.0
100
-40~+85
-40~+85
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
max.
@mA
typ.
max.
@mA
µA
Vr
nm
MT4093-HR(2mA)
GaAsP/GaP
Red Diff
60°
0.8
5.0
2
2.0
2.5
20
10
5
625
MT4093-G(2mA)
GaP
Green Diff
60°
0.8
3.2
2
2.2
2.5
20
10
5
565
MT4093-Y(2mA)
GaAsP/GaP
Yellow Diff
60°
0.8
3.2
2
2.1
2.5
20
10
5
590
MT4093-UR(2mA)
GaAlAs
Red Diff
60°
8.0
20.0
2
1.85
2.5
20
10
5
660
MT305-SLHR(2mA)
GaAsP/GaP
Red Diff
60°
0.8
5.0
2
2.0
2.5
20
10
5
625
MT305-SLG(2mA)
GaP
Green Diff
60°
0.8
3.2
2
2.2
2.5
20
10
5
565
MT305-SLY(2mA)
GaAsP/GaP
Yellow Diff
60°
0.8
3.2
2
2.1
2.5
20
10
5
590
MT305-SLUR(2mA)
GaAlAs
Red Diff
60°
8.0
20.0
2
1.85
2.5
20
10
5
660


Similar Part No. - MT305-SLG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
   Marktech Low Current 5mm LEDs
More results

Similar Description - MT305-SLG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
   Marktech Low Current 5mm LEDs
MT4093-G MARKTECH-MT4093-G Datasheet
32Kb / 2P
   Marktech Low Current 3mm LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
   Marktech 5mm Tapered 20 Ultra Bright LEDs
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
   Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
   Marktech 5mm Ultra Bright Y G LEDs
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
   Marktech RT Angle Quad PCB MT 5mm LEDs
MT5491-HRG MARKTECH-MT5491-HRG Datasheet
42Kb / 2P
   Marktech 2 Leaded 5mm Tri−State LEDs
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
   Marktech Standard 5mm White Diff. & Water Clear LEDs
MT7118-UR MARKTECH-MT7118-UR Datasheet
35Kb / 1P
   Marktech 5mm 12 AND 36 Ultra Bright LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com