Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1803S-TL-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SB1803S-TL-E
Description  Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1803S-TL-E Datasheet(HTML) 5 Page - ON Semiconductor

  2SB1803S-TL-E Datasheet HTML 1Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 2Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 3Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 4Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 5Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 6Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 7Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 8Page - ON Semiconductor 2SB1803S-TL-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SB1203 / 2SD1803
No.2085-5/10
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
0
24
20
16
12
8
4
1
20
060
40
80
100
140
120
160
ITR09197
2SB1203 / 2SD1803
10ms
1.0
10
5
7
2
3
5
7
2
3
5
7
2
2
3
0.1
0.01
10
1.0
25
37
2
5
37
0.1
25
37
100
DC
operation
Ta=25
°C
ICP
1ms
IC
ITR09196
2SB1203 / 2SD1803
100ms
No heat sink
Ideal
heat
dissipation
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.


Similar Part No. - 2SB1803S-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1803S-TL-E ONSEMI-2SB1803S-TL-E Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SB1803S-TL-E ONSEMI-2SB1803S-TL-E Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1803S-TL-E ONSEMI-2SB1803S-TL-E Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SB1803S-TL-E SANYO-2SB1803S-TL-E Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SB1803S-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com